Electronic Components Datasheet Search
  English  ▼

X  

P4SMA27 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # P4SMA27
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

P4SMA27 Datasheet(HTML) 2 Page - Nanjing International Group Co

  P4SMA27 Datasheet HTML 1Page - Nanjing International Group Co P4SMA27 Datasheet HTML 2Page - Nanjing International Group Co P4SMA27 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P4SMA22
P4SMA22C
22
22C
17.8
19.8
24.2
1.0
31.9
13.0
5.0
P4SMA22A
P4SMA22CA
22A
22CA
18.8
20.9
23.1
1.0
30.6
14.0
5.0
P4SMA24
P4SMA24C
24
24C
19.4
21.6
26.4
1.0
34.7
12.0
5.0
P4SMA24A
P4SMA24CA
24A
24CA
20.5
22.8
25.2
1.0
33.2
13.0
5.0
P4SMA27
P4SMA27C
27
27C
21.8
24.3
29.7
1.0
39.1
11.0
5.0
P4SMA27A
P4SMA27CA
27A
27CA
23.1
25.7
28.4
1.0
37.5
11.2
5.0
P4SMA30
P4SMA30C
30
30C
24.3
27.0
33.0
1.0
43.5
10.0
5.0
P4SMA30A
P4SMA30CA
30A
30CA
25.6
28.5
31.5
1.0
41.4
10.0
5.0
P4SMA33
P4SMA33C
33
33C
26.8
29.7
36.3
1.0
47.7
9.0
5.0
P4SMA33A
P4SMA33CA
33A
33CA
28.2
31.4
34.7
1.0
45.7
9.0
5.0
P4SMA36
P4SMA36C
36
36C
29.1
32.4
39.6
1.0
52.0
8.0
5.0
P4SMA36A
P4SMA36CA
36A
36CA
30.8
34.2
37.8
1.0
49.9
8.4
5.0
P4SMA39
P4SMA39C
39
39C
31.6
35.1
42.9
1.0
56.4
7.4
5.0
P4SMA39A
P4SMA39CA
39A
39CA
33.3
37.1
41.0
1.0
53.9
7.8
5.0
P4SMA43
P4SMA43C
43
43C
34.8
38.7
47.3
1.0
61.9
6.8
5.0
P4SMA43A
P4SMA43CA
43A
43CA
36.8
40.9
45.2
1.0
59.3
7.1
5.0
P4SMA47
P4SMA47C
47
47C
38.1
42.3
51.7
1.0
67.8
6.2
5.0
P4SMA47A
P4SMA47CA
47A
47CA
40.2
44.7
49.4
1.0
64.8
5.0
5.0
P4SMA51
P4SMA51C
51
51C
41.3
45.9
56.1
1.0
73.5
5.7
5.0
P4SMA51A
P4SMA51CA
51A
51CA
43.6
48.5
53.6
1.0
70.1
6.0
5.0
P4SMA56
P4SMA56C
56
56C
45.4
50.4
61.6
1.0
80.5
5.2
5.0
P4SMA56A
P4SMA56CA
56A
56CA
47.8
53.2
58.8
1.0
77.0
5.5
5.0
P4SMA62
P4SMA62C
62
62C
50.2
55.8
68.2
1.0
89.0
4.7
5.0
P4SMA62A
P4SMA62CA
62A
62CA
53.0
58.9
65.1
1.0
85.0
5.0
5.0
P4SMA68
P4SMA68C
68
68C
55.1
61.2
74.8
1.0
98.0
4.3
5.0
P4SMA68A
P4SMA68CA
68A
68CA
58.1
64.6
71.4
1.0
92.0
4.6
5.0
P4SMA75
P4SMA75C
75
75C
60.7
67.5
82.5
1.0
108
3.9
5.0
P4SMA75A
P4SMA75CA
75A
75CA
64.1
71.3
78.8
1.0
103
4.1
5.0
P4SMA82
P4SMA82C
82
82C
66.4
73.8
90.2
1.0
118
3.6
5.0
P4SMA82A
P4SMA82CA
82A
82CA
70.1
77.9
86.1
1.0
113
3.7
5.0
P4SMA91
P4SMA91C
91
91C
73.7
81.9
100
1.0
131
3.2
5.0
P4SMA91A
P4SMA91CA
91A
91CA
77.8
86.5
95.5
1.0
125
3.4
5.0
P4SMA100
P4SMA100C
100
100C
81.0
90.0
110
1.0
144
2.9
5.0
P4SMA100A P4SMA100CA
100A
100CA
85.5
95.0
105
1.0
137
3.1
5.0
P4SMA110
P4SMA110C
110
110C
89.2
99.0
121
1.0
158
2.7
5.0
P4SMA110A P4SMA110CA
110A
110CA
94.0
105
116
1.0
152
2.8
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
P4SMA
SERIES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com