Electronic Components Datasheet Search
  English  ▼

X  

RFFM4293 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM4293
Description  WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4293 Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM4293 Datasheet HTML 1Page - RF Micro Devices RFFM4293 Datasheet HTML 2Page - RF Micro Devices RFFM4293 Datasheet HTML 3Page - RF Micro Devices RFFM4293 Datasheet HTML 4Page - RF Micro Devices RFFM4293 Datasheet HTML 5Page - RF Micro Devices RFFM4293 Datasheet HTML 6Page - RF Micro Devices RFFM4293 Datasheet HTML 7Page - RF Micro Devices RFFM4293 Datasheet HTML 8Page - RF Micro Devices RFFM4293 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140506
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 9
RFFM4293
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Control Current
C_RX and C_BT Current
0.5
1
µA
PA_EN Current
30
50
µA
Switch Control Speed
200
ns
PA_EN Control Impedance
5.2
M
Ω
LNA_EN Control Impedance
7.4
M
Ω
C_RX Control Impedance
27
M
Ω
C_BT Control Impedance
27
M
Ω
ESD
Human Body Model
500
V
EIA/JESD22-114A RF pins
1000
V
EIA/JESD22-114A DC pins
Charge Device Model
250
V
JESD22-C101C all pins
Thermal Resistance
RTH_I
46
˚C/W
Junction Temperature TJ
170
˚C
MTTF > 30 years
Maximum Input Power
12
dBm
Into 50
Ω, V
CC = 3.3V, 25°C
12
dBm
6:1 VSWR, VCC = 3.3V, 25°C
5
dBm
10:1 VSWR, VCC = 3.3V, 25°C
Bluetooth
Temperature = -10°C to +70°C, VDD = 3.3 and 5.0V,
C_BT = high, unless otherwise noted
Input/Output Power
25
30
dBm
Insertion Loss
0.7
0.9
dB
T=25°C
BT Port Return Loss
-9.6
dB
ANT Port Return Loss
-9.6
dB
Isolation
ANT-BT; Tx Mode
18
dB
PA_EN = High, C_BT = Low, C_RX = Low, LNA_EN = Low
ANT-BT; Rx Gain Mode
25
dB
PA_EN = Low, C_BT = Low,C_RX = High,
LNA_EN = High
ANT-BT; Rx Bypass Mode
20
dB
PA_EN = Low, C_BT = Low, C_RX = High, LNA_EN = Low
ANT-RX; Tx Mode
35
dB
PA_EN = High, C_BT = Low, C_RX = Low, LNA_EN = Low
ANT-RX; BT Mode
25
dB
PA_EN = Low, C_BT = High, C_RX = Low,
Switch Logic Control Table
Operating Mode
PA_EN
LNA_EN
C_RX
C_BT
Standby
Low
Low
Low
Low
802.11b/g/n/ac Tx
High
Low
Low
Low
802.11b/g/n/ac Rx Gain
Low
High
High
Low
802.11b/g/n/ac Rx Bypass
Low
Low
High
Low
BT Rx/Tx
Low
Low
Low
High
Note: High = 2.8V to VCC, Low = 0V to 0.2V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com