Electronic Components Datasheet Search
  English  ▼

X  

RFFM4555 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4555
Description  Wi-Fi Integrated Front End Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4555 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4555 Datasheet HTML 1Page - RF Micro Devices RFFM4555 Datasheet HTML 2Page - RF Micro Devices RFFM4555 Datasheet HTML 3Page - RF Micro Devices RFFM4555 Datasheet HTML 4Page - RF Micro Devices RFFM4555 Datasheet HTML 5Page - RF Micro Devices RFFM4555 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revision DS20150626
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
2 of 6
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (No RF applied)
-0.5 to +6
VDC
DC Supply Current
100
mA
Operating Case Temperature
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
Maximum TX Input Power into
50Ω Load for 11a/n/ac (No Damage)
+33
dBm
Maximum RX Input Power (No Damage)
+12
dBm
Bypass Mode Maximum RX Input Power (No Damage)
+25
dBm
Moisture Sensitivity Level (260°C JEDEC J-STD-020)
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
IEEEE802.11a/n/ac
Operating Frequency
5.180
5.925
GHz
Extended Operating Frequency
4.900
5.925
GHz
Functional with reduced performance
Operating Temperature
-40
+25
+85
ºC
Power Supply VDD
3.3
5.0
V
LNA supply voltage only
Control Voltage - High
2.8
3.1
VDD
V
VTX, VRX and LNAEN should not exceed VDD
Control Voltage
– Low
0
0.2
V
VTX, VRX and LNAEN
Transmit Performance
(TX-ANT)
T=+25ºC, VDD=3.3-5V, VTX=High, LNAEN & VRX=Low,
CW Signal; Unless otherwise noted
Insertion Loss
0.6
1.2
dB
Linear output Power
23
dBm
11ac 80MHz Dynamic EVM
-45
-40
dB
0.6
1
%
TX Port Return Loss
20
35
dB
ANT Port Return Loss
20
35
dB
2nd Harmonics
-50
-45
dBm/MHz
POUT = 28dBm 802.11a 6MBps
3rd Harmonics
-50
-40
dBm/MHz
POUT = 28dBm 802.11a 6MBps
Input P0.1dB
30
33
dBm
ANT-RX Isolation
25
35
TX Mode: TX enabled and maximum power
Receive Performance
(ANT-RX)
– LNA On
T=+25ºC, VDD=3.3-5V, VTX=Low, LNAEN & VRX=High,
CW Signal; Unless otherwise noted
Gain
10.5
13
dB
Small Signal Gain 2400-2500MHz
-15
-12
dB
Noise Figure
2.6
3
dB
RX Port Return Loss
5
10
dB
ANT Port Return Loss
3
7
dB
Input P1dB
-10
-5
dBm
Current Consumption
8
13
20
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com