Electronic Components Datasheet Search
  English  ▼

X  

BC556 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BC556
Description  Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC556 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BC556 Datasheet HTML 1Page - Diotec Semiconductor BC556 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig, wenn die Anschlußdrähte in 2 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
8
01.11.2003
BC 556 ... BC 559
General Purpose Transistors
PNP
Si-Epitaxial PlanarTransistors
PNP
Power dissipation – Verlustleistung
500 mW
Plastic case
TO-92
Kunststoffgehäuse
(10D3)
Weight approx. – Gewicht ca.
0.18 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard Pinning
1 = C 2 = B 3 = E
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings (T
A = 25
/C)
Grenzwerte (T
A = 25
/C)
BC 556
BC 557
BC 558/559
Collector-Emitter-voltage
B open
- V
CE0
65 V
45 V
30 V
Collector-Base-voltage
E open
- V
CB0
80 V
50 V
30 V
Emitter-Base-voltage
C open
- V
EB0
5 V
Power dissipation – Verlustleistung
P
tot
500 mW 1)
Collector current – Kollektorstrom (DC)
- I
C
100 mA
Junction temp. – Sperrschichttemperatur
T
j
150
/C
Storage temperature – Lagerungstemperatur
T
S
- 55…+ 150
/C
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Group A
Group B
Group C
DC current gain – Kollektor-Basis-Stromverhältnis
- V
CE = 5 V, - IC = 2 mA
h
FE
110...220
200...460
420...800
h-Parameters at - V
CE = 5V, - IC = 2 mA, f = 1 kHz
Small signal current gain
Stromverstärkung
h
fe
typ. 220
typ. 330
typ. 600
Input impedance – Eingangsimpedanz
h
ie
1.6...4.5 k
S
3.2...8.5 k
S
6...15 k
S
Output admittance – Ausg.-Leitwert
h
oe
18 < 30
:S
30 < 60
:S
60 < 110
:S
Reverse voltage transfer ratio
Spannungsrückwirkung
h
re
typ.1.5 *10-4
typ. 2 *10-4
typ. 3 *10-4
Collector saturation voltage – Kollektor-Sättigungsspg.
- I
C = 100 mA, - IB = 5 mA
-V
CEsat
–
–
300 mV


Similar Part No. - BC556

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC556 MOTOROLA-BC556 Datasheet
220Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
Amplifier Transistors(PNP Silicon)
1996
logo
NXP Semiconductors
BC556 PHILIPS-BC556 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 15
logo
Semtech Corporation
BC556 SEMTECH-BC556 Datasheet
370Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Siemens Semiconductor G...
BC556 SIEMENS-BC556 Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
More results

Similar Description - BC556

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP31 DIOTEC-TIP31 Datasheet
36Kb / 2P
Si-Epitaxial PlanarTransistors
TIP32 DIOTEC-TIP32 Datasheet
36Kb / 2P
Si-Epitaxial PlanarTransistors
TIP120A DIOTEC-TIP120A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
2N3905 DIOTEC-2N3905 Datasheet
99Kb / 2P
Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
BC337 DIOTEC-BC337 Datasheet
140Kb / 2P
Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com