Electronic Components Datasheet Search
  English  ▼

X  

1082A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1082A
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1082A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1082A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1082A Datasheet HTML 2Page - List of Unclassifed Manufacturers 1082A Datasheet HTML 3Page - List of Unclassifed Manufacturers 1082A Datasheet HTML 4Page - List of Unclassifed Manufacturers 1082A Datasheet HTML 5Page - List of Unclassifed Manufacturers 1082A Datasheet HTML 6Page - List of Unclassifed Manufacturers 1082A Datasheet HTML 7Page - List of Unclassifed Manufacturers 1082A Datasheet HTML 8Page - List of Unclassifed Manufacturers 1082A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.44
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
20 AWG Pairs Stranded (19x32) Tinned Copper Conductors • Twisted Pairs
Unshielded • PVC Insulation • Chrome PVC Jacket
9408
1
E2
U-500
U-152.4
12.0
5.5
.037
.94
.214
5.44
31
138
2.00
50.80
U-1000
U-304.8
23.0
10.4
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9320
1
E2
U-500
U-152.4
14.5
6.6
.037
.94
.217
5.51
40
178
2.00
50.80
U-1000
U-304.8
28.0
12.7
20 AWG Pairs Stranded (7x28) Bare Copper Conductors • Twisted Pairs
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
1033A
1
E1
1000
304.8
30.0
13.6
.037
.94
.213
5.41
42
187
2.25
57.15
10000 †
3048.0
270.0
122.5
3016A
2
E1
Bulk ††
Bulk
—
—
.042
1.07
.332
8.43
92
409
3.75
95.25
1056A
4
E1
10000 †
3048.0
820.0
372.0
.053
1.35
.408
10.36
135
601
4.25
107.95
1057A
8
E1
10000 †
3048.0
1410.0
640.2
.053
1.35
.472
11.99
247
1099
5.00
127.00
1058A
12
E1
7500 †
2286.0
1455.0
660.0
.053
1.35
.564
14.33
359
1597
6.00
152.40
1059A
16
E1
5000 †
1524.0
1275.0
578.9
.064
1.63
.649
16.48
232
1032
6.50
165.10
1060A
24
E1
5000 †
1524.0
1735.0
787.7
.064
1.63
.786
19.96
695
3092
8.25
209.55
1061A
36
E1
2500 †
762.0
1300.0
590.2
.074
1.88
.960
24.38
1031
4587
10.00
254.00
1062A
50
E1
2500 †
762.0
1825.0
827.8
.074
1.88
1.117
28.37
1423
6330
11.50
292.10
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (Other options below)
1075A
2
E1
10000 †
3048.0
650.0
294.8
.042
1.07
.337
8.56
97
432
3.75
95.25
1076A
4
E1
7500 †
2286.0
787.5
357.5
.053
1.35
.411
10.44
171
761
4.50
114.30
1077A
8
E1
7500 †
2286.0
1297.5
588.6
.053
1.35
.514
13.06
320
1424
5.50
139.70
1078A
12
E1
7500 †
2286.0
1942.5
881.1
.064
1.63
.637
16.18
468
2082
6.75
171.45
1079A
16
E1
5000 †
1524.0
1555.0
705.4
.064
1.63
.704
17.88
617
2745
7.50
190.50
1091A
20
E1
Bulk ††
Bulk
—
—
.064
1.63
.780
19.81
765
3403
8.25
209.55
1080A
24
E1
2500 †
762.0
1142.5
518.2
.074
1.88
.863
21.92
914
4066
9.00
228.60
1081A
36
E1
2000 †
609.6
1436.0
651.9
.074
1.88
1.035
26.29
1359
6046
10.50
266.70
1082A
50
E1
2000 †
609.6
1858.0
843.5
.074
1.88
1.215
30.86
1878
8355
12.75
323.85
F-R = Flame-retardant
†Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
E1, E2 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs
Lbs.
kg
Inch
mm
Rip Cord
Rip Cord
Drain Wire
Drain Wire
Rip Cord
Rip Cord
Communication Wire
Communication Wire
Drain Wires
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com