Electronic Components Datasheet Search
  English  ▼

X  

9368 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9368
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9368 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9368 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.42
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
22 AWG Pairs Stranded (7x30) Tinned Copper Conductors • Twisted Pairs
Unshielded • PVC Insulation • Chrome PVC Jacket
9407
1
E2
U-500
U-152.4
10.0
4.3
.037
.94
.198
5.03
19
84
2.00
50.80
U-1000
U-304.8
19.0
8.2
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9322
1
E2
U-500
U-152.4
11.0
5.0
.037
.94
.201
5.10
28
124
2.00
50.80
U-1000
U-304.8
22.0
10.0
9512
2
E2
500
152.4
22.0
10.0
.042
1.07
.310
7.82
46
204
3.00
76.20
1000
304.8
42.0
19.1
9513
3
E2
500
152.4
26.5
11.6
.042
1.07
.324
8.23
63
280
3.25
82.55
1000
304.8
51.0
23.2
9514
4
E2
500
152.4
33.0
14.8
.042
1.07
.356
9.04
80
355
3.50
88.90
1000
304.8
67.0
30.5
9516
6
E2
500
152.4
45.0
20.4
.053
1.35
.418
10.62
118
524
4.25
107.95
1000
304.8
89.0
40.4
9520
9
E2
500
152.4
64.5
29.3
.053
1.35
.482
12.29
172
765
4.75
120.65
1000
304.8
121.0
55.0
9521
11
E2
500
152.4
73.0
32.7
.053
1.35
.506
12.85
200
889
5.35
135.89
1000
304.8
147.0
66.4
9524
15
E2
500
152.4
89.5
40.7
.053
1.35
.594
15.09
280
1245
6.00
152.40
1000
304.8
178.0
80.9
9526
19
E2
500
152.4
114.5
52.0
.063
1.60
.644
16.36
350
1557
6.33
160.78
1000
304.8
224.0
101.8
9527
27
E2
500
152.4
156.5
71.1
.063
1.60
.763
19.38
500
2224
7.50
190.50
1000 †
304.8
321.0
145.9
22 AWG Pairs Stranded (7x30) Bare Copper Conductors* • Twisted Pairs
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • PVC Jacket (Black or Chrome)
3000A**
2
E1
Bulk††
Bulk
—
—
.043
1.09
.310
7.87
46
204
3.00
76.20
3004A**
4
E1
Bulk††
Bulk
—
—
.042
1.07
.357
9.01
80
355
3.50
88.90
3006A**
8
E1
Bulk††
Bulk
—
—
.053
1.35
.450
11.43
172
765
4.75
120.65
3008A**
12
E1
Bulk††
Bulk
—
—
.053
1.35
.536
13.61
210
934
5.00
127.00
3010A**
16
E1
Bulk††
Bulk
—
—
.053
1.35
.594
15.09
290
1290
6.00
152.40
3012A**
24
E1
Bulk††
Bulk
—
—
.065
1.65
.749
19.02
440
1957
7.50
190.50
3014A**
50
E1
Bulk††
Bulk
—
—
.075
1.91
1.017
25.80
915
4070
9.50
241.30
PVC = Polyvinyl Chloride
*For tinned copper conductors, order with B suffix.
**For Exposed Run rated cable (3000 series only), order with E suffix, e.g. 3000AE.
†Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
E1, E2 = Refer to Industrial Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs
Lbs.
kg
Inch
mm
Rip Cord
Drain Wire
Drain Wire
Rip Cord
Communication Wire
Rip Cord
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com