Electronic Components Datasheet Search
  English  ▼

X  

BC846 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BC846
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC846 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BC846 Datasheet HTML 1Page - Diotec Semiconductor BC846 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
2) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
10
01.11.2003
1.1
2.9 ±0.1
0.4
1
2
3
Type
Code
1.9
BC 846 ... BC 850
General Purpose Transistors
NPN
Surface mount Si-Epitaxial PlanarTransistors
Si-Epitaxial PlanarTransistoren für die Oberflächenmontage
NPN
Power dissipation – Verlustleistung
250 mW
Plastic case
SOT-23
Kunststoffgehäuse
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
1 = B
2 = E
3 = C
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25
/C)
Grenzwerte (T
A = 25
/C)
BC 846
BC 847/850
BC 848/849
Collector-Emitter-voltage
B open
V
CE0
65 V
45 V
30 V
Collector-Base-voltage
E open
V
CB0
80 V
50 V
30 V
Emitter-Base-voltage
C open
V
EB0
6 V
5 V
Power dissipation – Verlustleistung
P
tot
250 mW 1)
Collector current – Kollektorstrom (DC)
I
C
100 mA
Peak Collector current – Kollektor-Spitzenstrom
I
CM
200 mA
Peak Base current – Basis-Spitzenstrom
I
BM
200 mA
Peak Emitter current – Emitter-Spitzenstrom
- I
EM
200 mA
Junction temperature – Sperrschichttemperatur
T
j
150
/C
Storage temperature – Lagerungstemperatur
T
S
- 65…+ 150
/C
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Group A
Group B
Group C
DC current gain – Kollektor-Basis-Stromverhältnis 2)
V
CE = 5 V, IC = 10
:Ah
FE
typ. 90
typ. 150
typ. 270
V
CE = 5 V, IC = 2 mA
h
FE
110...220
200...450
420...800
h-Parameters at V
CE = 5V, IC = 2 mA, f = 1 kHz
Small signal current gain
Kleinsignal-Stromverstärkung
h
fe
typ. 220
typ. 330
typ. 600
Input impedance – Eingangs-Impedanz
h
ie
1.6...4.5 k
S
3.2...8.5 k
S
6...15 k
S
Output admittance – Ausgangs-Leitwert
h
oe
18 < 30
:S
30 < 60
:S
60 < 110
:S
Reverse voltage transfer ratio
Spannungsrückwirkung
h
re
typ.1.5 *10-4
typ. 2 *10-4
typ. 3 *10-4


Similar Part No. - BC846

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846 PHILIPS-BC846 Datasheet
80Kb / 10P
NPN general purpose transistors
2004 Feb 06
logo
Fairchild Semiconductor
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC846 GE-BC846 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC846 KEC-BC846 Datasheet
249Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC846 AUK-BC846 Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
More results

Similar Description - BC846

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com