Electronic Components Datasheet Search
  English  ▼

X  

HMC546LP2E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC546LP2E
Description  10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC546LP2E Datasheet(HTML) 2 Page - Analog Devices

  HMC546LP2E Datasheet HTML 1Page - Analog Devices HMC546LP2E Datasheet HTML 2Page - Analog Devices HMC546LP2E Datasheet HTML 3Page - Analog Devices HMC546LP2E Datasheet HTML 4Page - Analog Devices HMC546LP2E Datasheet HTML 5Page - Analog Devices HMC546LP2E Datasheet HTML 6Page - Analog Devices HMC546LP2E Datasheet HTML 7Page - Analog Devices HMC546LP2E Datasheet HTML 8Page - Analog Devices HMC546LP2E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HMC546LP2E
Data Sheet
Rev. E | Page 2 of 13
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Interface Schematics .................................................................... 6
Typical Performance Characteristics ............................................. 7
1843 MHz Tuning .........................................................................7
2015 MHz Tuning .........................................................................8
2350 MHz Tuning .........................................................................9
2600 MHz Tuning ...................................................................... 10
Applications Information ...............................................................11
Components for Selected Frequencies .....................................11
Evaluation PCB........................................................................... 12
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
This Hittite Microwave Products data sheet has been reformatted
to meet the styles and standards of Analog Devices, Inc.
5/2016—v.04.1115 to Rev. E
Updated Format..................................................................Universal
Deleted HMC546LP2.................................................... Throughout
Deleted Table 2, Renumbered Sequentially................................... 4
Added Pin Function Descriptions, Table 5, Renumbered
Sequentially ....................................................................................... 7
Changes to Table 7.......................................................................... 13
Updated Outline Dimensions ....................................................... 14
Changes to Ordering Guide .......................................................... 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com