Electronic Components Datasheet Search
  English  ▼

X  

HMC8038LP4CE Datasheet(PDF) 10 Page - Analog Devices

Part # HMC8038LP4CE
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8038LP4CE Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC8038LP4CE Datasheet HTML 3Page - Analog Devices HMC8038LP4CE Datasheet HTML 4Page - Analog Devices HMC8038LP4CE Datasheet HTML 5Page - Analog Devices HMC8038LP4CE Datasheet HTML 6Page - Analog Devices HMC8038LP4CE Datasheet HTML 7Page - Analog Devices HMC8038LP4CE Datasheet HTML 8Page - Analog Devices HMC8038LP4CE Datasheet HTML 9Page - Analog Devices HMC8038LP4CE Datasheet HTML 10Page - Analog Devices HMC8038LP4CE Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HMC8038
Data Sheet
Rev. A | Page 10 of 11
APPLICATIONS INFORMATION
Generate the evaluation PCB used in the application shown in
Figure 17 with proper RF circuit design techniques. Signal lines
at the RF port must have a 50 Ω impedance, and the package
ground leads and backside ground slug must connect directly to
the ground plane, as shown in Figure 18. The evaluation board
shown in Figure 18 is available from Analog Devices, Inc. upon
request.
Table 8. Bill of Materials for Evaluation Board
EV1HMC8038LP4C1
Reference Designator
Description
J1 to J3
PCB mount SMA connector
C1 to C6
100 pF capacitor, 0402 package
C7
0.1 μF capacitor, 0402 package
R1, R2
0 Ω resistor, 0402 package
U1
HMC8038 SPDT switch
PCB2
600-01267-00 evaluation PCB
1 Reference to this evaluation board number when ordering the complete
evaluation board.
2 Circuit board material: Roger 4350 or Arlon 25FR.
12
11
10
1
3
49
2
50Ω
50Ω
RF2
RF1
GND
GND
PACKAGE
BASE
C3
100pF
RFC
EN
VCTL
VDD
C1
100pF
C2
100pF
C6
100pF
C4
100pF
C7
0.1µF
C5
100pF
Figure 17. HMC8038 Application Circuit
Figure 18. EV1HMC8038LP4C Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com