Electronic Components Datasheet Search
  English  ▼

X  

SMI10-USB Datasheet(PDF) 1 Page - CUI INC

Part # SMI10-USB
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI10-USB Datasheet(HTML) 1 Page - CUI INC

  SMI10-USB Datasheet HTML 1Page - CUI INC SMI10-USB Datasheet HTML 2Page - CUI INC SMI10-USB Datasheet HTML 3Page - CUI INC SMI10-USB Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 04/25/2016
page 1 of 4
SERIES: SMI10-USB
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SMI10-5-I38
5
2
10
300
VI
Notes:
1.Atfullload,25°C,nominalinput,20MHzbandwidthoscilloscope,outputparallelwith0.1μFand10μFcapacitorstoground.
FEATURES
• up to 10 W continuous power
•DOELevelVI,CoCTier2,ErPStage2
• no load power consumption < 0.1 W
•universalinputvoltagerange
•interchangeableAcbladesforglobaluse
•overvoltageandshortcircuitprotections
• UL/cUL, GS, RCM, CCC, PSE safety approvals
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SMI10 - 5 - X - I38 - CXX
USB Type A Inlet
OutputVoltage
Blades:
V=NorthAmerica,Europe,UnitedKingdom,
Australia, and China blade included
N = North America blade included
E = Europe blade included
B=UnitedKingdombladeincluded
A = Australia blade included
C = China blade included
K = No blades included
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SMI10-USB

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI10-USB CUI-SMI10-USB Datasheet
697Kb / 4P
AC-DC POWER SUPPLY
08/12/2021
SMI10-USB CUI-SMI10-USB_V01 Datasheet
697Kb / 4P
AC-DC POWER SUPPLY
08/12/2021
More results

Similar Description - SMI10-USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com