Electronic Components Datasheet Search
  English  ▼

X  

425ALP3E Datasheet(PDF) 3 Page - Analog Devices

Part # 425ALP3E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

425ALP3E Datasheet(HTML) 3 Page - Analog Devices

  425ALP3E Datasheet HTML 1Page - Analog Devices 425ALP3E Datasheet HTML 2Page - Analog Devices 425ALP3E Datasheet HTML 3Page - Analog Devices 425ALP3E Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
1
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
Functional Diagram
Electrical Specifications,
T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
Typical Applications
The HMC425
ALP3 / HMC425ALP3E is ideal for:
• WLAN & Point-to-Multi-Point
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military
0.5 dB LSB Steps to 31.5 dB
Single Control Line Per Bit
± 0.5 dB Typical Bit Error
Single +5V Supply
3x3 mm SMT Package
The HMC425
ALP3 & HMC425ALP3E are broad-
band 6-bit GaAs IC digital attenuators in low cost
leadless surface mount packages. Covering 2.2 to
8. 0 G H z , the insertion loss is less then 3.8 dB
typical. The attenuator bit values are 0.5 (LSB), 1,
2, 4, 8, and 16 dB for a total attenuation of 31.5 dB.
Attenuation accuracy is excellent at ±0.5 dB typical
step error with an IIP3 of +40 dBm. Six control
voltage inputs, toggled between 0 and +3 to +5V,
are used to select each attenuation state. A single Vdd
bias of +3 to +5V is required.
Parameter
Frequency
(GHz)
Min.
Typ.
Max.
Units
Insertion Loss
2.2 - 6.0 GHz
6.0 - 8.0 GHz
3.5
3.8
3.8
4.3
dB
dB
Attenuation Range
2.2 - 8.0 GHz
31.5
dB
Return Loss (RF1 & RF2, All Atten. States)
2.2 - 8.0 GHz
15
dB
Attenuation Accuracy:
(Referenced to Insertion Loss)
All States
2.2 - 8.0 GHz
± 0.5 + 5% of Atten. Setting Max.
dB
Input Power for 0.1 dB Compression
Vdd = 5V
Vdd = 3V
2.2 - 8.0 GHz
22
19
dBm
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
REF - 16.0 dB States
16.5 - 31.5 dB States
2.2 - 8.0 GHz
45
35
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
2.2 - 8.0 GHz
160
180
ns
ns
HMC425ALP3 / 425ALP3E
v00.1115
Features
General Description
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com