Electronic Components Datasheet Search
  English  ▼

X  

HMC1122 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC1122
Description  0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1122 Datasheet(HTML) 3 Page - Analog Devices

  HMC1122 Datasheet HTML 1Page - Analog Devices HMC1122 Datasheet HTML 2Page - Analog Devices HMC1122 Datasheet HTML 3Page - Analog Devices HMC1122 Datasheet HTML 4Page - Analog Devices HMC1122 Datasheet HTML 5Page - Analog Devices HMC1122 Datasheet HTML 6Page - Analog Devices HMC1122 Datasheet HTML 7Page - Analog Devices HMC1122 Datasheet HTML 8Page - Analog Devices HMC1122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
HMC1122
Rev. 0 | Page 3 of 15
SPECIFICATIONS
VDD = 3.3 V to 5 V, TA = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
0.1
6.0
GHz
INSERTION LOSS
At 0.2 GHz to 1.0 GHz
1.1
1.8
dB
At 1.0 GHz to 2.0 GHz
1.3
2.0
dB
At 2.0 GHz to 4.0 GHz
1.7
2.4
dB
At 4.0 GHz to 6.0 GHz
2.0
2.8
dB
ATTENUATION
At 0.2 GHz to 6 GHz
Range
Between minimum and maximum
attenuation states
31.5
dB
Step Size
Between any successive
attenuation states
0.5
dB
Step Error
Between any successive
attenuation states
<±0.1
dB
Accuracy
All attenuation states; referenced
to insertion loss state
−(0.1 + 4% of
attenuation
state)
+(0.1 + 4% of
attenuation
state)
dB
Overshoot
Between all attenuation states
<0.1
dB
RETURN LOSS
(ATTIN and ATTOUT)
At 1.0 GHz, minimum attenuation
(worst case)
24
dB
At 2.0 GHz, minimum attenuation
(worst case)
22
dB
At 4.0 GHz, minimum attenuation
(worst case)
22
dB
At 6.0 GHz, maximum attenuation
(worst case)
21
dB
RELATIVE PHASE
Between minimum and maximum
attenuation states
At 1.0 GHz
6
Degrees
At 2.0 GHz
18
Degrees
At 4.0 GHz
38
Degrees
At 6.0 GHz
58
Degrees
SWITCHING CHARACTERISTICS
Between all attenuation states
Rise and Fall Time
t
RISE, tFALL
10% to 90% of RF output
60
ns
On and Off Time
t
ON, tOFF
50% V
CTL to 90% of RF output
150
ns
0.1 dB Settling Time
50% V
CTL to 0.1 dB of final RF
output
200
ns
0.05 dB Settling Time
50% V
CTL to 0.05 dB of final RF
output
250
ns
INPUT LINEARITY
All attenuation states, 0.2 GHz to
6 GHz
Input 0.1 dB Compression
P0.1dB
30
dBm
Input Third-Order Intercept
IP3
Two-tone input power = 15 dBm
each tone, Δf = 1 MHz
55
dBm
SUPPLY CURRENT
I
DD
V
DD = 3.3 V
0.3
mA
V
DD = 5.0 V
0.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com