| Electronic Components Datasheet Search |
|
APL3555 Datasheet(PDF) 13 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APL3555 Datasheet(HTML) 13 Page - Anpec Electronics Coropration |
|
13 / 18 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.1 - Mar., 2016 APL3555 www.anpec.com.tw 13 Application Information Input Capacitor Output Capacitor A low-ESR 10 µF aluminum electrolytic or tantalum be- tween V OUT and GND is strongly recommended to reduce the voltage droop during hot-attachment of downstream peripheral. (Per USB 2.0, output ports must have a mini- mum 120 µF of low-ESR bulk capacitance per hub). Higher-value output capacitor is better when the output load is heavy. Layout Consideration The PCB layout should be carefully performed to maxi- mize thermal dissipation and to minimize voltage drop, droop and EMI. The following guidelines must be considered: 1. Please place the input capacitors near the VIN pin as close as possible. 2. Output decoupling capacitors for load must be placed near the load as close as possible for decoupling high- frequency ripples. 3. Locate APL3555 and output capacitors near the load to reduce parasitic resistance and inductance for excel- lent load transient performance. 4. The negative pins of the input and output capacitors and the GND pin must be connected to the ground plane of the load. 5. Keep V IN and VOUT traces as wide and short as possible. A 1 µF or higher ceramic bypass capacitor from VIN to GND, located near the APL3555, is strongly recommended to suppress the ringing during short circuit fault event. When the load current trips the SCP threshold in an over load condition such as a short circuit, hot plug-in or heavy load transient the IC immediately turns off the internal power switch that will cause VIN ringing due to the induc- tance between power source and VIN. Without the by- pass capacitor, the output short may cause sufficient ring- ing on the input to damage internal control circuitry. Input capacitor is especially important to prevent V IN from ringing too high in some applications where the induc- tance between power source to VIN is large (ex, an extra bead is added between power source line to VIN for EMI reduction), additional input capacitance may be needed on the input to reduce voltage overshoot from exceeding the absolute maximum voltage of the device during over load conditions. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |