Electronic Components Datasheet Search
  English  ▼

X  

APX72A Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX72A
Description  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX72A Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX72A Datasheet HTML 1Page - Anpec Electronics Coropration APX72A Datasheet HTML 2Page - Anpec Electronics Coropration APX72A Datasheet HTML 3Page - Anpec Electronics Coropration APX72A Datasheet HTML 4Page - Anpec Electronics Coropration APX72A Datasheet HTML 5Page - Anpec Electronics Coropration APX72A Datasheet HTML 6Page - Anpec Electronics Coropration APX72A Datasheet HTML 7Page - Anpec Electronics Coropration APX72A Datasheet HTML 8Page - Anpec Electronics Coropration APX72A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2015
APX9172/72A/72B
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APX9172
Package Code
CE : TSOT-23-6F
CT : TSOT-23-6
KE : SOP-8F
Operating Ambient Temperature Range
I : -40 to 105
℃
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APX9172 CE/CT :
X72X
The last X is referred as Date Code
Assembly Material
Handling Code
Temperature Range
Package Code
APX9172A CE/CT :
A72X
The last X is referred as Date Code
APX9172B CE/CT :
B72X
The last X is referred as Date Code
APX9172 KE :
APX9172A KE :
APX9172B KE :
APX9172A
XXXXX
APX9172B
XXXXX
APX9172
XXXXX
XXXXX - Date Code
XXXXX - Date Code
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com