Electronic Components Datasheet Search
  English  ▼

X  

BZX84C Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BZX84C
Description  Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BZX84C Datasheet(HTML) 1 Page - Nanjing International Group Co

  BZX84C Datasheet HTML 1Page - Nanjing International Group Co BZX84C Datasheet HTML 2Page - Nanjing International Group Co BZX84C Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 22/02/2010
Rev:01
BZX84C…Series
Silicon Planar Zener Diodes
This series of Zener diodes is offered in the convenient,
surface mount plastic SOT-23 package. These devices
are designed to provide voltage regulation with minimum
space requirement. They are well suited for applications
such as cellular phones, hand held portables, and high
density PC boards.
Features
• Zener breakdown voltage range - 2.0 V to 75 V
• Package designed for optimal automated board
assembly
• Small package size for high density applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
PD
350
mW
Thermal Resistance, Junction to Ambient
1)
RθJA
417
O
C/W
Junction and Storage Temperature Range
Tj, Tstg
- 65 to + 150
O
C
1) Alumina = 0.4 X 0.3 X 0.024 in, 99.5% alumina
1. Anode 3. Cathode
SOT-23 Plastic Package
1
3
2


Similar Part No. - BZX84C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C RECTRON-BZX84C Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C FAIRCHILD-BZX84C Datasheet
197Kb / 6P
Series Zeners
logo
Shanghai Lunsure Electr...
BZX84C CHENYI-BZX84C Datasheet
22Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Continental Device Indi...
BZX84C CDIL-BZX84C Datasheet
111Kb / 4P
SILIICON PLANAR VOLTAGE REGULATOR DIODE
More results

Similar Description - BZX84C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com