Electronic Components Datasheet Search
  English  ▼

X  

RFLA2018 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFLA2018
Description  Variable Gain Low Noise High Linearity Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA2018 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFLA2018 Datasheet HTML 4Page - RF Micro Devices RFLA2018 Datasheet HTML 5Page - RF Micro Devices RFLA2018 Datasheet HTML 6Page - RF Micro Devices RFLA2018 Datasheet HTML 7Page - RF Micro Devices RFLA2018 Datasheet HTML 8Page - RF Micro Devices RFLA2018 Datasheet HTML 9Page - RF Micro Devices RFLA2018 Datasheet HTML 10Page - RF Micro Devices RFLA2018 Datasheet HTML 11Page - RF Micro Devices RFLA2018 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Revision DS20150824
- 9 of 12 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFLA2018
RFMD + TriQuint = Qorvo
Pin Configuration and Description
Pin
Label
Description
1
RFIN
RF Input; Internally 50 Ω matched and DC blocked
2
GND
Connect to low inductive path to ground
3
SCN
Switch Control Line; See truth table
4
GND
Connect to low inductive path to ground
5
VCC2
VCC Supplied; 0.1
 µF decoupled internal, supply voltage to 2nd stage LNA; disable VCC supply in bypass
mode to save DC current
6
SCP
Switch Control Line; See truth table
7
VEN_ID1
Pin grounded in module
8
VEN_ID2
Pin grounded in module
9
VCTRL
Voltage Variable Attenuator Control Line; Max gain 0
 V
10
GND
Connect to low inductive path to ground
11
GND
Connect to low inductive path to ground
12
RFOUT
RF Output; Internally 50 Ω matched and external DC block required
13
GND
Connect to low inductive path to ground
14
VCC3
VCC
Supply; 0.1 µF decoupled internal; supply voltage to stage 3 amplifier
15
VCC1
VCC
Supply; 0.1 µF decoupled internal; supply voltage to 1st stage amplifier
16
GND
Connect to low inductive path to ground
RF
IN
GND
SCN
GND
RF
OUT
GND
GND
V
CTRL
Backside Pad - GND
Top View
16
13
15
14
5
8
6
7
12
9
11
10
Pin One Mark
1
4
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com