Electronic Components Datasheet Search
  English  ▼

X  

RFPA5532 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA5532
Description  Wi-Fi Integrated PA Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5532 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA5532 Datasheet HTML 1Page - RF Micro Devices RFPA5532 Datasheet HTML 2Page - RF Micro Devices RFPA5532 Datasheet HTML 3Page - RF Micro Devices RFPA5532 Datasheet HTML 4Page - RF Micro Devices RFPA5532 Datasheet HTML 5Page - RF Micro Devices RFPA5532 Datasheet HTML 6Page - RF Micro Devices RFPA5532 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Revision DS20151222
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
1 of 7
RFMD + TriQuint = Qorvo
RFPA5532
Wi-Fi Integrated PA Module
4900MHz to 5925MHz
The RFPA5532 is a three-stage power amplifier (PA) designed for
802.11a/n/ac applications. The integr
ated input and output 50Ω match
greatly reduces the layout area, bill of materials and manufacturability
cost in the customer application. The PA is optimized to minimize the
required external components to maintain linear performance at 3.3V.
The RFPA5532 is manufactured on an advanced InGaP heterojunction
bipolar transistor (HBT) process and is capable of achieving linear powers
up to 21dBm with an EVM <1.8% while maintaining excellent power
added efficiency. The device is provided in a 4.0mm x 4.0mm x 0.90mm
package that meets or exceeds the power requirements of
IEEE802.11a/n/ac Wi-Fi RF systems
.
GND
RFOUT
GND
VCC1
PDET
PA_EN
VCC2
NC
RFIN
1
3
4
5
11
12
13
14
15
2
REGULATOR
NC
GND
GND
GND
GND
VCC3
GND
GND
NC
NC
NC
Functional Block Diagram
Ordering Information
RFPA5532SB
Standard 5-piece Sample Bag
RFPA5532SQ
Standard 25-piece Sample Bag
RFPA5532SR
Standard 100-piece Reel
RFPA5532TR13
Standard 2500-piece Reel
RFPA5532PCK-410
Fully Assembled Evaluation Board plus 5 pieces
Package: QFN, 20-pin,
4.0mm x 4.0mm x 0.90mm
Features
■
POUT = 21dBm, 3.3V, 11ac, 80MHz
MCS9 at 1.8% EVM
■
POUT = 22dBm, 3.3V, 11n,
20/40MHz MCS7 at 3% EVM
■
Typical Gain = 32dB
■
High PAE
■
Required external components
minimized
■
Integrated Regulator
■
Input and Output Matched to 50Ω
■
Integrated Power Detector
Applications
■
Customer Premise Equipment
(CPE)
■
Wireless Access Points, Gateways
■
Routers
■
Set-Top Box Applications
■
Picocell/Femtocell
RFPA5532


Similar Part No. - RFPA5532

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5532 QORVO-RFPA5532 Datasheet
454Kb / 7P
Wi-Fi Integrated PA Module 4900MHz to 5925MHz
RFPA5532PCK-410 QORVO-RFPA5532PCK-410 Datasheet
454Kb / 7P
Wi-Fi Integrated PA Module 4900MHz to 5925MHz
RFPA5532SB QORVO-RFPA5532SB Datasheet
454Kb / 7P
Wi-Fi Integrated PA Module 4900MHz to 5925MHz
RFPA5532SQ QORVO-RFPA5532SQ Datasheet
454Kb / 7P
Wi-Fi Integrated PA Module 4900MHz to 5925MHz
RFPA5532SR QORVO-RFPA5532SR Datasheet
454Kb / 7P
Wi-Fi Integrated PA Module 4900MHz to 5925MHz
More results

Similar Description - RFPA5532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
RF Micro Devices
RFFM4555 RFMD-RFFM4555 Datasheet
419Kb / 6P
Wi-Fi Integrated Front End Module
RFPA5552 RFMD-RFPA5552 Datasheet
612Kb / 7P
Wi-Fi Integrated PA Module
RFPA5562 RFMD-RFPA5562 Datasheet
656Kb / 7P
Wi-Fi Integrated PA Module
logo
TriQuint Semiconductor
QPF7200 TRIQUINT-QPF7200 Datasheet
365Kb / 10P
2.4GHz Integrated Wi-Fi Front-End Module
logo
Qorvo, Inc
QPF7219 QORVO-QPF7219 Datasheet
272Kb / 2P
Wi-Fi integrated Front End Module
RFPA5532 QORVO-RFPA5532 Datasheet
454Kb / 7P
Wi-Fi Integrated PA Module 4900MHz to 5925MHz
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
Wi-Fi PA 2.4GHz to 2.5Ghz
QPF7552 QORVO-QPF7552 Datasheet
145Kb / 2P
Wi-Fi 6 bandBoost integrated Front End Module
September 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com