Electronic Components Datasheet Search
  English  ▼

X  

RFPA5552 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA5552
Description  Wi-Fi Integrated PA Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5552 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA5552 Datasheet HTML 1Page - RF Micro Devices RFPA5552 Datasheet HTML 2Page - RF Micro Devices RFPA5552 Datasheet HTML 3Page - RF Micro Devices RFPA5552 Datasheet HTML 4Page - RF Micro Devices RFPA5552 Datasheet HTML 5Page - RF Micro Devices RFPA5552 Datasheet HTML 6Page - RF Micro Devices RFPA5552 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RFPA5552
Wi-Fi Integrated PA Module
4900MHz to 5925MHz
Revision DS20160217
1 of 5
Disclaimer: Subject to change without notice
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Product Description
The RFPA5552 is a three-stage power amplifier (PA) designed for
Wi-Fi 802.11a/n/ac systems. The compact form factor and
integrated matching minimizes layout area in the application and
greatly reduces the number of external components.
Performance is focused on optimizing the PA for a 3.3V supply
voltage that conserves power consumption while maintaining the
highest linear output power and leading edge throughput.
A key feature is the integration of a logarithmic power detector
which enables power control across the entire power spectrum for
applications which use higher gain antennas or end users wanting
to reduce device calibration time in production.
The RFPA5552 integrates a 5GHz power amplifier (PA), regulator
and power detector into a single device. The device is provided in
4mm x 4mm x 0.9mm, 20-pin QFN package.
Functional Block Diagram
Package: QFN, 20-pin,
4mm x 4mm x 0.9mm max
Feature Overview
POUT = +21dBm, 802.11ac, VHT80 MCS9 at-35dB Dynamic
EVM
POUT = +22dBm, 802.11n, HT20/40 MCS7 at-30dB Dynamic
EVM
POUT = +24dBm, HT20 MCS0 at Spectral Mask Compliance
Optimized for 3.3V Operation
Typical Gain 32dB
Low Power Consumption <1W at +21dBm
Integrated Logarithm Power Detector
Input and Output Matched to 50Ω
Applications
Wireless Routers
Access Points
Residential Gateways
Consumer Premise Equipment
Internet of Things
Ordering Information
PART NUMBER
DESCRIPTION
RFPA5552SB
Sample bag with 5 pieces
RFPA5552SQ
Sample bag with 25 pieces
RFPA5552SR
7" Reel with 100 pieces
RFPA5552TR13
13" Reel with 2,500 pieces
RFPA5552PCK-410
Assembled Evaluation Board + 5 pieces
GND
RFIN
GND
PA_EN
NC
NC
GND
RFOUT
VCC1 VCC2 VCC3
GND
GND
GND
6
NC
PDET
NC
NC
7
8
9
10
20
19
18
17
16
GND
GND
REGULATOR
LOG
DETECTOR


Similar Part No. - RFPA5552

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5552 QORVO-RFPA5552 Datasheet
908Kb / 7P
Wi-Fi Power Amplifier
RFPA5552PCK-410 QORVO-RFPA5552PCK-410 Datasheet
908Kb / 7P
Wi-Fi Power Amplifier
RFPA5552SB QORVO-RFPA5552SB Datasheet
908Kb / 7P
Wi-Fi Power Amplifier
RFPA5552SQ QORVO-RFPA5552SQ Datasheet
908Kb / 7P
Wi-Fi Power Amplifier
RFPA5552SR QORVO-RFPA5552SR Datasheet
908Kb / 7P
Wi-Fi Power Amplifier
More results

Similar Description - RFPA5552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
RF Micro Devices
RFFM4555 RFMD-RFFM4555 Datasheet
419Kb / 6P
Wi-Fi Integrated Front End Module
RFPA5532 RFMD-RFPA5532 Datasheet
454Kb / 7P
Wi-Fi Integrated PA Module
RFPA5562 RFMD-RFPA5562 Datasheet
656Kb / 7P
Wi-Fi Integrated PA Module
logo
TriQuint Semiconductor
QPF7200 TRIQUINT-QPF7200 Datasheet
365Kb / 10P
2.4GHz Integrated Wi-Fi Front-End Module
logo
Qorvo, Inc
QPF7219 QORVO-QPF7219 Datasheet
272Kb / 2P
Wi-Fi integrated Front End Module
RFPA5532 QORVO-RFPA5532 Datasheet
454Kb / 7P
Wi-Fi Integrated PA Module 4900MHz to 5925MHz
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
Wi-Fi PA 2.4GHz to 2.5Ghz
QPF7552 QORVO-QPF7552 Datasheet
145Kb / 2P
Wi-Fi 6 bandBoost integrated Front End Module
September 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com