Electronic Components Datasheet Search
  English  ▼

X  

BFS20 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BFS20
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BFS20 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BFS20 Datasheet HTML 1Page - Diotec Semiconductor BFS20 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
4
01.11.2003
BFS 20
High Frequency Transistors
NPN
Surface mount Si-Epitaxial PlanarTransistors
Si-Epitaxial PlanarTransistoren für die Oberflächenmontage
NPN
Power dissipation – Verlustleistung
250 mW
Plastic case
SOT-23
Kunststoffgehäuse
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
1 = B
2 = E
3 = C
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25
/C)
Grenzwerte (T
A = 25
/C)
BFS 20
Collector-Emitter-voltage
B open
V
CE0
20 V
Collector-Base-voltage
E open
V
CB0
30 V
Emitter-Base-voltage
C open
V
EB0
4 V
Power dissipation – Verlustleistung
P
tot
250 mW 1)
Collector current – Kollektorstrom (DC)
I
C
25 mA
Peak Collector current – Kollektor-Spitzenstrom
I
CM
25 mA
Junction temperature – Sperrschichttemperatur
T
j
150
/C
Storage temperature – Lagerungstemperatur
T
S
- 65…+ 150
/C
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Collector - Base cut-off current – Kollektorreststrom
I
E = 0, VCB = 20 V
I
CB0
100 nA
I
E = 0, VCB = 20 V, Tj = 100
/CI
CB0
10
:A
Emitter - Base cut-off current – Emitterreststrom
I
C = 0, VEB = 4 V
I
EB0
100 nA
1.1
2.9 ±0.1
0.4
1
2
3
Type
Code
1.9


Similar Part No. - BFS20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS20 PHILIPS-BFS20 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 15
logo
Zetex Semiconductors
BFS20 ZETEX-BFS20 Datasheet
45Kb / 1P
NPN SILICON PLANAR VHF TRANSISTOR
logo
Siemens Semiconductor G...
BFS20 SIEMENS-BFS20 Datasheet
41Kb / 2P
NPN SILICON RF TRANSISTOR
logo
KEC(Korea Electronics)
BFS20 KEC-BFS20 Datasheet
125Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
BFS20 KEC-BFS20 Datasheet
177Kb / 5P
2SC3229
More results

Similar Description - BFS20

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com