Electronic Components Datasheet Search
  English  ▼

X  

2SA1442 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA1442
Description  Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1442 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA1442 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1442 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
2SA1442
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= -60V(Min)
·High DC Current Gain-
: hFE= 100(Min)@ (VCE= -2V , IC= -1.5A)
·Low Saturation Voltage-
: VCE(sat)= -0.3V(Max)@ (IC= -4A, IB= -0.2A)
APPLICATIONS
·This type of power transistor is developed for high-speed
switching and features a high hFE at low VCE(sat),which is
ideal for use as a driver in DC/DC converters and actuators.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-7.0
V
IC
Collector Current-Continuous
-7.0
A
ICM
Collector Current-Pulse
-14
A
IB
Base Current-Continuous
-3.5
A
PT
Total Power Dissipation @TC=25℃
30
W
Total Power Dissipation @Ta=25℃
2.0
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~150


Similar Part No. - 2SA1442

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA1442 ETC-2SA1442 Datasheet
47Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SA1442

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1440 ISC-2SA1440 Datasheet
116Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
BU120 ISC-BU120 Datasheet
190Kb / 2P
Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
BU508A-M ISC-BU508A-M Datasheet
206Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 800V (Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
BUY70B ISC-BUY70B Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 325V(Min)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com