Electronic Components Datasheet Search
  English  ▼

X  

BSS63 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BSS63
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BSS63 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BSS63 Datasheet HTML 1Page - Diotec Semiconductor BSS63 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
15
01.11.2003
Switching Transistors
BSS 63
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 1)
- V
CE = 1 V, - IC = 10 mA
h
FE
30
–
–
- V
CE = 1 V, - IC = 25 mA
h
FE
30
–
–
Gain-Bandwidth Product – Transitfrequenz
- V
CE = 5 V, - IC = 25 mA, f = 100 MHz
f
T
50 MHz
85 MHz
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
–
3 pF
–
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
420 K/W 2)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BSS 64
Marking - Stempelung
BSS 63 = BM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com