Electronic Components Datasheet Search
  English  ▼

X  

AD7656ABSTZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656ABSTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7656ABSTZ Datasheet HTML 11Page - Analog Devices AD7656ABSTZ Datasheet HTML 12Page - Analog Devices AD7656ABSTZ Datasheet HTML 13Page - Analog Devices AD7656ABSTZ Datasheet HTML 14Page - Analog Devices AD7656ABSTZ Datasheet HTML 15Page - Analog Devices AD7656ABSTZ Datasheet HTML 16Page - Analog Devices AD7656ABSTZ Datasheet HTML 17Page - Analog Devices AD7656ABSTZ Datasheet HTML 18Page - Analog Devices AD7656ABSTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
AD7656A
THEORY OF OPERATION
CONVERTER DETAILS
The AD7656A is a high speed, low power converter that allows
the simultaneous sampling of six on-chip analog-to-digital
converts (ADCs). The analog inputs on the AD7656A can
accept true bipolar input signals. The RANGE pin/RNGx bits
are used to select either ±4 × VREF or ±2 × VREF as the input
range for the next conversion.
The AD7656A contains six successive approximation (SAR)
ADCs, six track-and-hold amplifiers, an on-chip 2.5 V reference,
reference buffers, and high speed parallel and serial interfaces.
The AD7656A allows the simultaneous sampling of all six ADCs
when the three CONVST x pins (CONVST A, CONVST B, and
CONVST C) are tied together. Alternatively, the six ADCs can be
grouped into three pairs. Each pair has an associated CONVST
signal used to initiate simultaneous sampling on each ADC pair,
on four ADCs, or on all six ADCs. CONVST A is used to initiate
simultaneous sampling on V1 and V2, CONVST B is used to
initiate simultaneous sampling on V3 and V4, and CONVST C
is used to initiate simultaneous sampling on V5 and V6.
A conversion is initiated on the AD7656A by pulsing the
CONVST x input. On the rising edge of CONVST x, the track-
and-hold amplifier of the selected ADC pair is placed into hold
mode and the conversions are started. After the rising edge of
CONVST x, the BUSY signal goes high to indicate that the
conversion is taking place. The conversion clock for the
AD7656A is internally generated, and the conversion time for
the device is 3 µs. The BUSY signal returns low to indicate the
end of conversion. On the falling edge of BUSY, the track-and-
hold amplifier returns to track mode. Data can be read from the
output register via the parallel or serial interface.
Track-and-Hold Amplifiers
The track-and-hold amplifiers on the AD7656A allow the ADCs
to accurately convert an input sine wave of full-scale amplitude
to 16-bit resolution. The input bandwidth of the track-and-hold
amplifiers is greater than the Nyquist rate of the ADC, even
when the AD7656A is operating at its maximum throughput
rate. The device can handle input frequencies of up to 12 MHz.
The track-and-hold amplifiers sample their respective inputs
simultaneously on the rising edge of CONVST x. The aperture time
(that is, the delay time between the external CONVST x signal
actually entering hold) for the track-and-hold is 10 ns. This is well
matched across all six track-and-hold amplifiers on one device and
from device to device. This allows more than six ADCs to be
sampled simultaneously. The end of the conversion is signaled by
the falling edge of BUSY, and it is at this point that the track-and-
hold amplifiers return to track mode and the acquisition time
begins.
Analog Input
The AD7656A can handle true bipolar input voltages. The logic
level on the RANGE pin or the value written to the RNGx bits
in the control register determines the analog input range on the
AD7656A for the next conversion. When the RANGE pin or
RNGx bit is 1, the analog input range for the next conversion is
±2 × VREF. When the RANGE pin or RNGx bit is 0, the analog
input range for the next conversion is ±4 × VREF.
D1
D2
VDD
VDD_INTERNAL
C2
R1
V1
VSS
VSS_INTERNAL
C1
Figure 20. Equivalent Analog Input Structure
Figure 20 shows an equivalent circuit of the analog input of
structure of the AD7656A. The two diodes, D1 and D2, provide
ESD protection for the analog inputs. Care must be taken to
ensure that the analog input signal never exceeds the VDD and
VSS supply rail limits by more than VSS + 1 V and VDD − 1 V.
Signals exceeding this value cause these diode to become forward-
biased and to start conducting into the substrate. The maximum
current these diodes can conduct without causing irreversible
damage to the device is 10 mA. Capacitor C1 in Figure 20 is
typically about 4 pF and can be attributed primarily to pin
capacitance. Resistor R1 is a lumped component made up of the
on resistance of a switch (that is, track-and-hold switch). This
resistor is typically about 25 Ω. Capacitor C2 is the ADC
sampling capacitor and has a capacitance of 10 pF typically.
The AD7656A requires VDD and VSS dual supplies for the high
voltage analog input structures. These supplies must be greater
than the analog input range (see Table 6 for the requirements on
these supplies for each analog input range). The AD7656A
requires a low voltage AVCC supply of 4.75 V to 5.25 V to power
the ADC core, a DVCC supply of 4.75 V to 5.25 V for the digital
power, and a VDRIVE supply of 2.7 V to 5.25 V for the interface
power.
To meet the specified performance when using the minimum
supply voltage for the selected analog input range, it may be
necessary to reduce the throughput rate from the maximum
throughput rate.
Table 6. Minimum VDD/VSS Supply Voltage Requirements
Analog Input
Range (V)
Reference
Voltage (V)
Full-Scale
Input (V)
Minimum
VDD/VSS (V)
±4 × VREF
2.5
±10
±11
±4 × VREF
3.0
±12
±13
±2 × VREF
2.5
±5
±6
±2 × VREF
3.0
±6
±7
Rev. 0 | Page 15 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com