Electronic Components Datasheet Search
  English  ▼

X  

BY134 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BY134
Description  Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BY134 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BY134 Datasheet HTML 1Page - Diotec Semiconductor BY134 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
55
28.02.2002
BY 133 ... BY 135
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 1 A
V
F
< 1.3 V
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 5
:A
T
j = 100
/CV
R = VRRM
I
R
< 50
:A
Thermal resistance junction to ambient air
R
thA
< 45 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com