Electronic Components Datasheet Search
  English  ▼

X  

AD9262BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9262BCPZ
Description  16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9262BCPZ Datasheet HTML 19Page - Analog Devices AD9262BCPZ Datasheet HTML 20Page - Analog Devices AD9262BCPZ Datasheet HTML 21Page - Analog Devices AD9262BCPZ Datasheet HTML 22Page - Analog Devices AD9262BCPZ Datasheet HTML 23Page - Analog Devices AD9262BCPZ Datasheet HTML 24Page - Analog Devices AD9262BCPZ Datasheet HTML 25Page - Analog Devices AD9262BCPZ Datasheet HTML 26Page - Analog Devices AD9262BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD9262
Rev. A | Page 23 of 32
Cascaded Filter Responses
The cascaded filter responses for the three signal bandwidth
settings are for a 160 MSPS output data rate, as shown in Figure 55,
Figure 56, and Figure 57.
0
102030
40506070
80
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
02
4
6
8
10
–0.08
–0.04
0
0.04
0.08
FREQUENCY (MHz)
Figure 55. 10 MHz Signal Bandwidth, 160 MSPS
01
2
3
4
5
–0.08
–0.04
0
0.04
0.08
FREQUENCY (MHz)
0
102030
40506070
80
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
Figure 56. 5 MHz Signal Bandwidth, 160 MSPS
0.5
1.5
2.5
–0.08
–0.04
0
0.04
0.08
FREQUENCY (MHz)
0
102030
40506070
80
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
Figure 57. 2.5 MHz Signal Bandwidth, 160 MSPS
DC AND QUADRATURE ERROR CORRECTION (QEC)
In direct conversion or other quadrature systems, mismatches
between the real (I) and imaginary (Q) signal paths cause
frequencies in the positive spectrum to image into the negative
spectrum and vice versa. From an RF point of view, this is
equivalent to information above the LO frequency interfering
with information below the LO frequency, and vice versa. These
mismatches may occur from gain and/or phase mismatches in
the analog quadrature demodulator or in any components in
the ADC signal chain itself. In a single-carrier zero-IF system
where the carrier has been placed symmetrically around dc, this
causes self-distortion of the carrier as the two sidebands fold
onto one another and degrade the EVM of the signal.
In a multicarrier communication system, this can be even more
problematic because carriers of widely different power levels
can interfere with one another. For example, a large carrier
centered at +f1 can have an image appear at –f1 that can be
larger than the desired carrier at this frequency.
The integrated quadrature error correction (QEC) algorithm of
the AD9262 attempts to measure and correct the amplitude and
phase imbalances of the I and Q signal paths to achieve higher
levels of image suppression than is achievable by analog means
alone. These errors can be corrected in an adapted manner
where the I and Q gain and quadrature phase mismatches are
constantly estimated and corrected. This allows changes in the
mismatches due to slow supply and temperature changes to be
constantly tracked.
The quadrature errors are corrected in a frequency independent
manner on the AD9262; therefore, systems with significant
mismatch in the baseband chain may have reduced image
suppression. The AD9262 QEC still corrects the systematic
imbalances.
The convergence time of the QEC algorithm is dependent on
the statistics of the input signal. For large signals and large
imbalance errors, this convergence time is typically less than
two million samples of the AD9262 output data rate.
LO Leakage (DC) Correction
In a direct conversion receiver subsystem, LO to RF leakage of
the quadrature modulator shows up as dc offsets at baseband.
These offsets are added to dc offsets in the baseband signal
paths, and both contribute to a carrier at dc. In a zero-IF receiver,
this dc energy can cause problems because it appears in band of
a desired channel. As part of the AD9262 QEC function, the dc
offset is suppressed by applying a low frequency notch filter to
form a null around dc. The 3 dB bandwidth of this notch filter
vs. the AD9262 output data rates is shown in Figure 58.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com