Electronic Components Datasheet Search
  English  ▼

X  

PI3USB102 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3USB102
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB102 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI3USB102_08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PI3USB102
USB 2.0 High-Speed (480 Mbps) Signal Switch
Targeted for Battery Powered Applications
PS8950C
11/20/08
Ordering Information
Ordering Code
Package Code
Package Description
Top Mark
PI3USB102ZLE
ZL
Pb-free & Green, 10-contact TQFN
XD
PI3USB102ZME
ZM
Pb-free & Green, 10-contact UQFN
XD
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free and Green
• Adding X suffix = Tape/Reel
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Packaging Mechanicals: 10-Contact TuQFN (ZM10)
06-0823
08-0310



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com