Electronic Components Datasheet Search
  English  ▼

X  

ADuM1240ARSZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADuM1240ARSZ
Description  Micropower, Dual-Channel Digital Isolators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1240ARSZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADuM1240ARSZ Datasheet HTML 16Page - Analog Devices ADuM1240ARSZ Datasheet HTML 17Page - Analog Devices ADuM1240ARSZ Datasheet HTML 18Page - Analog Devices ADuM1240ARSZ Datasheet HTML 19Page - Analog Devices ADuM1240ARSZ Datasheet HTML 20Page - Analog Devices ADuM1240ARSZ Datasheet HTML 21Page - Analog Devices ADuM1240ARSZ Datasheet HTML 22Page - Analog Devices ADuM1240ARSZ Datasheet HTML 23Page - Analog Devices ADuM1240ARSZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADuM1240/ADuM1241/ADuM1245/ADuM1246
ORDERING GUIDE
Model1, 2
No.
of Inputs,
VDD1 Side
No.
of Inputs,
VDD2 Side
Maximum
Data Rate
(Mbps)
Maximum
Propagation
Delay, 3.3 V
Output
Default
State
Temperature
Range
Package
Description
Package
Option
ADuM1240ARZ
2
0
2
180
High
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1240ARZ-RL7
2
0
2
180
High
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1240ARSZ
2
0
2
180
High
−40°C to +125°C
20-Lead SSOP
RS-20
ADuM1240ARSZ-RL7
2
0
2
180
High
−40°C to +125°C
20-Lead SSOP
RS-20
ADuM1241ARZ
1
1
2
180
High
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1241ARZ-RL7
1
1
2
180
High
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1241ARSZ
1
1
2
180
High
−40°C to +125°C
20-Lead SSOP
RS-20
ADuM1241ARSZ-RL7
1
1
2
180
High
−40°C to +125°C
20-Lead SSOP
RS-20
ADuM1245ARZ
2
0
2
180
Low
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1245ARZ-RL7
2
0
2
180
Low
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1245ARSZ
2
0
2
180
Low
−40°C to +125°C
20-Lead SSOP
RS-20
ADuM1245ARSZ-RL7
2
0
2
180
Low
−40°C to +125°C
20-Lead SSOP
RS-20
ADuM1246ARZ
1
1
2
180
Low
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1246ARZ-RL7
1
1
2
180
Low
−40°C to +125°C
8-Lead SOIC_N
R-8
ADuM1246ARSZ
1
1
2
180
Low
−40°C to +125°C
20-Lead SSOP
RS-20
ADuM1246ARSZ-RL7
1
1
2
180
Low
−40°C to +125°C
20-Lead SSOP
RS-20
1
Z = RoHS Compliant Part.
2
Tape and reel is available. The addition of the -RL7 suffix indicates that the product is shipped on 7” tape and reel.
Rev. A | Page 21 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com