Electronic Components Datasheet Search
  English  ▼

X  

BYP60A3 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BYP60A3
Description  Silicon Press-Fit-Diodes High-temperature diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYP60A3 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BYP60A3 Datasheet HTML 1Page - Diotec Semiconductor BYP60A3 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
81
28.02.2002
BYP 60A05 ... BYP 60A6
BYP 60K05 ... BYP 60K6
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 60 A
V
F
< 1.1 V
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 100
:A
Thermal resistance junction to case
R
thC
< 0.6 K/W
Wärmewiderstand Sperrschicht – Gehäuse
Replacements / Ersatztypen
New - Neu
Old - Alt
New - Neu
Old - Alt
BYP 60K05
BYP70/60
BYP 60A05
BYP75/60
BYP 60K1
BYP71/60
BYP 60A1
BYP76/60
BYP 60K2
BYP72/60
BYP 60A2
BYP77/60
BYP 60K3
BYP73/60
BYP 60A3
BYP78/60
BYP 60K4
BYP74/60
BYP 60A4
BYP79/60



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com