Electronic Components Datasheet Search
  English  ▼

X  

SF61 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SF61
Description  6.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SF61 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SF61 Datasheet HTML 1Page - Nanjing International Group Co SF61 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.0 AMP SUPER FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 6.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
6.0
150
5.0
50
50
-65
+150
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
SF61
SF68
THRU
35
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
* Good for switching mode application
VOLTAGE RANGE
50 to 600 Volts
CURRENT
6.0 Amperes
DO-27
Dimensions in inches and (millimeters)
0.945(24.0)
MIN.
0.945(24.0)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.04
3(1.1)
DIA.
.220(5.6)
.197(5.0)
DIA.
SF61
SF62
SF63
SF64
SF65
SF66
SF68 UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
0.95
1.25
1.70
Operating and Storage Temperature Range T , T
J
STG
C
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - SF61

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF61 WTE-SF61 Datasheet
50Kb / 3P
6.0A SUPER-FAST RECTIFIER
logo
Jinan Gude Electronic D...
SF61 JGD-SF61 Datasheet
165Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
logo
Bytes
SF61 BYTES-SF61 Datasheet
160Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Diodes Incorporated
SF61 DIODES-SF61 Datasheet
59Kb / 2P
6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
Formosa MS
SF61 FORMOSA-SF61 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF61

ManufacturerPart #DatasheetDescription
logo
Bytes
SF61 BYTES-SF61 Datasheet
160Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF61 FORMOSA-SF61 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
SF61 FCI-SF61 Datasheet
138Kb / 2P
6.0 Amp SUPER FAST PLASTIC RECTIFIERS
logo
UNIOHM CORPORATION
SF61 UNIOHM-SF61 Datasheet
70Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF61 LUGUANG-SF61 Datasheet
185Kb / 2P
6.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF61 GWSEMI-SF61 Datasheet
71Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SF61 YFWDIODE-SF61 Datasheet
70Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
SF61-DO27 YFWDIODE-SF61-DO27 Datasheet
263Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
SF61-DO-27 YFWDIODE-SF61-DO-27 Datasheet
291Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF61 YIXIN-SF61 Datasheet
243Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com