Electronic Components Datasheet Search
  English  ▼

X  

SF87 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SF87
Description  8.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SF87 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SF87 Datasheet HTML 1Page - Nanjing International Group Co SF87 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8.0 AMP SUPER FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=100 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
8.0
125
10
500
50
-65
+150
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
SF81
SF88
THRU
35
50
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Good for switching mode application
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
VOLTAGE RANGE
50 to 600 Volts
CURRENT
8.0 Amperes
TO-220A
Dimensions in inches and (millimeters)
.412
.248
.040
.180
.050
.120
.158
.595
.550
.200
.051
.040
.108
(10.5)
(6.3)
(1.0)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(5.08)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLE THRU
φ
+
+
+
PIN 1
PIN 1
PIN 2
PIN 2
CASE
CASE
Case Positive
Case Negative
Suffix "R"
SF81
SF82
SF83
SF84
SF85
SF86
SF88 UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
0.95
1.30
1.70
Operating and Storage Temperature Range T , T
J
STG
C
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - SF87

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF87 FORMOSA-SF87 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SF87 DAESAN-SF87 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
logo
UNIOHM CORPORATION
SF87 UNIOHM-SF87 Datasheet
74Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SF87 SEMTECH_ELEC-SF87 Datasheet
380Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Goodwork Semiconductor ...
SF87 GWSEMI-SF87 Datasheet
76Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF87

ManufacturerPart #DatasheetDescription
logo
Bytes
FR801 BYTES-FR801 Datasheet
160Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
SF81 BYTES-SF81 Datasheet
165Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF81 FORMOSA-SF81 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
FR801 UNIOHM-FR801 Datasheet
71Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
SF81 UNIOHM-SF81 Datasheet
74Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF81 GWSEMI-SF81 Datasheet
76Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
SFF81 GWSEMI-SFF81 Datasheet
75Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
FR801 GWSEMI-FR801 Datasheet
71Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
FRF801 GWSEMI-FRF801 Datasheet
71Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR801 DGNJDZ-FR801 Datasheet
179Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com