Electronic Components Datasheet Search
  English  ▼

X  

ACT1210 Datasheet(PDF) 6 Page - TDK Electronics

Part # ACT1210
Description  Common Mode Filters For automobile signal line
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT1210 Datasheet(HTML) 6 Page - TDK Electronics

  ACT1210 Datasheet HTML 1Page - TDK Electronics ACT1210 Datasheet HTML 2Page - TDK Electronics ACT1210 Datasheet HTML 3Page - TDK Electronics ACT1210 Datasheet HTML 4Page - TDK Electronics ACT1210 Datasheet HTML 5Page - TDK Electronics ACT1210 Datasheet HTML 6Page - TDK Electronics ACT1210 Datasheet HTML 7Page - TDK Electronics ACT1210 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
(6/8)
20151227 / cmf_automotive_signal_act1210_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
ACT1210 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Derating
○ Maximum current value for the ambient temperature (mA)
○ Measurement equipment
* Equivalent measurement equipment may be used.
Common mode
impedance
[10MHz 100mV]
Common mode
inductance
[100kHz 100mV]
Stray
inductance
[100kHz 100mV]
DC resistance Rated
current
Insulation
resistance
Rated
voltage
Part No.
(
:)min. (:)typ.
(μH)+50/–30%
(μH)typ.
(
:)max.
(mA)max.
(M
:)min.
(V)max.
300
550
11
0.05
0.4
300
10
80
ACT1210-110-2P-TL00
500
1100
22
0.06
0.5
250
10
80
ACT1210-220-2P-TL00
1000
2600
51
0.09
0.7
200
10
80
ACT1210-510-2P-TL00
2200
5100
100
0.13
1.5
150
10
80
ACT1210-101-2P-TL00
0
25
50
75
100
125
150
Ambient temperature(°C)
0
0.2
0.4
0.6
0.8
1
1.2
Part No.
Ambient temperature
125°C
140°C
150°C
ACT1210-110-2P-TL00
300
200
100
ACT1210-220-2P-TL00
250
166
83
ACT1210-510-2P-TL00
200
133
66
ACT1210-101-2P-TL00
150
100
50
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Keysight Technologies
Common mode inductance
4294A
Keysight Technologies
DC resistance
4338A
Keysight Technologies
Insulation resistance
4339A
Keysight Technologies



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com