| Electronic Components Datasheet Search |
|
AD977BN Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD977BN Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 24 page ![]() AD977/AD977A –14– REV. D Table I. AD977A Analog Input Configuration Input Voltage Connect R1IN Connect R2IN Connect R3IN Input Range via 200 to via 100 to to Impedance ±10 V VIN AGND 2.5 V 11.5 k Ω ±5 V AGND VIN 2.5 V 6.7 k Ω ±3.3 V VIN VIN 2.5 V 5.4 k Ω 0 V to 10 V AGND VIN AGND 6.7 k Ω 0 V to 5 V AGND AGND VIN 5.0 k Ω 0 V to 4 V VIN AGND VIN 5.4 k Ω Table II. AD977 Analog Input Configuration Input Voltage Connect R1IN Connect R2IN Connect R3IN Input Range via 200 to via 100 to to Impedance ±10 V VIN AGND CAP 22.9 k Ω ±5 V AGND VIN CAP 13.3 k Ω ±3.3 V VIN VIN CAP 10.7 k Ω 0 V to 10 V AGND VIN AGND 13.3 k Ω 0 V to 5 V AGND AGND VIN 10.0 k Ω 0 V to 4 V VIN AGND VIN 10.7 k Ω ANALOG INPUTS The AD977/AD977A is specified to operate with six full-scale analog input ranges. Connections required for each of the three analog inputs, R1IN, R2IN and R3IN, and the resulting full-scale ranges, are shown in Table I and Table II. The nominal input impedance for each analog input range is also shown. Table III shows the output codes for the ideal input voltages of each of the six analog input ranges. The analog input section has a ±25 V overvoltage protection on R1IN and R2IN. Since the AD977/AD977A has two analog grounds it is important to ensure that the analog input is refer- enced to the AGND1 pin, the low current ground. This will minimize any problems associated with a resistive ground drop. It is also important to ensure that the analog input of the AD977/AD977A is driven by a low impedance source. With its primarily resistive analog input circuitry, the ADC can be driven by a wide selection of general purpose amplifiers. To best match the low distortion requirements of the AD977/ AD977A, care should be taken in the selection of the drive cir- cuitry op amp. Figure 10 shows the simplified analog input section for the AD977/AD977A. Since the AD977/AD977A can operate with an internal or external reference, and several different analog input ranges, the full-scale analog input range is best represented with a voltage that spans 0 V to VREF across the 40 pF sampling capacitor. The onboard resistors are laser trimmed to ratio match for adjustment of offset and full-scale error using fixed external resistors. The configurations shown in Figures 12 and 13 are required to obtain the data sheet specifications for offset and full-scale error. The external fixed resistors are used during factory calibration so that a single 5 V supply can be used to bias the hardware trim circuitry. With the hardware adjust circuits shown in Figures 12 and 13, offset and full-scale error can be trimmed to zero. Refer to the Offset and Gain Adjust section. If larger offset and full-scale errors are permitted, or if soft- ware calibration is used, the external resistors can be omit- ted. Table IV shows the resultant input ranges and offset and full-scale errors. Using the AD977A with Bipolar Input Ranges The connection diagrams in Figure 11 show a buffer amplifier required for bipolar operation of the AD977A when using the internal reference. The buffer amplifier is required to isolate the CAP pin from the signal dependent current in the R3IN pin. A high speed op amp such as the AD8031 can be used with a single 5 V power supply without degrading the performance of the AD977A. The buffer must have good settling characteristics and provide low total noise within the input bandwidth of the AD977A. R1IN R2IN R3IN REF 4k AGND2 CAP AGND1 AD977/AD977A 20k /10k 2.5V REFERENCE 10k /5k 5k /2.5k 20k /10k 40pF SWITCHED CAP ADC Figure 10. AD977/AD977A Simplified Analog Input |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |