Electronic Components Datasheet Search
  English  ▼

X  

PJ-005B Datasheet(PDF) 2 Page - CUI INC

Part # PJ-005B
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-005B Datasheet(HTML) 2 Page - CUI INC

  PJ-005B Datasheet HTML 1Page - CUI INC PJ-005B Datasheet HTML 2Page - CUI INC PJ-005B Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: PJ-005B
DC POWER JACK
DESCRIPTION:
date 07/09/2014 page 2 of 3
CUI Inc
cui.com
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
brass
nickel
terminal 1
brass
silver
terminal 2
phosphor bronze silver
terminal 3
brass
silver
bushing
brass
nickel
nut
brass
nickel
washer
steel
nickel
insulator
red vulcanized fiber
plastic
PBT
units: mm[inches]
tolerance: ±0.3mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
3.90 0.154
3.80 0.150
15.20 0.598
3
1
2
5.70 0.224
0.394
10.00
2.50 0.098
2.60X1.20
(3 PLCS)
0.331
2.10
8.41
0.083
5/16X32T
11.00 0.433
0.30 0.012
7.80 0.307
0.106
2.70
5.700.224
10.40 0.409
0.110
2.80
0.30 0.012
0.30 0.012
2.10 0.083
10.100.398
8.10 0.319
10.00 0.394
5/16x32W
SCHEMATIC
Model
PJ-005B
Center Pin
Ø2.5 mm
MATING PLUG
Jack Insertion Depth: 9.0 mm
3
2
1
For more information, please visit the product page
|
For information on related products, view External Power Supplies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com