Electronic Components Datasheet Search
  English  ▼

X  

PJ-014C Datasheet(PDF) 2 Page - CUI INC

Part # PJ-014C
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-014C Datasheet(HTML) 2 Page - CUI INC

  PJ-014C Datasheet HTML 1Page - CUI INC PJ-014C Datasheet HTML 2Page - CUI INC PJ-014C Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-014C │ DESCRIPTION: DC POWER JACK
date 05/18/2016
│ page 2 of 3
0.030
1.20 0.047
0.177
4.50
0.315
(3 PLCS)
0.150
3.8
3.7
8.0
0.146
0.75
3.00 0.118
3.000.118
8.0
(3 PLCS)
0.146
3.7
0.150
3.8
0.315
0.75 0.030
1.00.039
6.0
0.217
(3 PLCS)
0.236
5.5
0.138
0.165
4.2
3.5
8.5 0.335
0.177
0.118
3.0
4.5
1.00.039
0.039
1.00
0.354
9.0
1.4 0.055
(3 PLCS)
PCB LAYOUT
TOP VIEW
1
1
3
(3 PLCS)
0.80X2.00
2
2
3
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
tin
terminal 2
copper alloy
tin
terminal 3
brass
tin
plastic
PBT
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
3
2
1
Model
PJ-014C
Center Pin
Ø1.0 mm
MATING PLUG
Jack Insertion Depth: 7.2 mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com