Electronic Components Datasheet Search
  English  ▼

X  

PJ-028BH Datasheet(PDF) 2 Page - CUI INC

Part # PJ-028BH
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-028BH Datasheet(HTML) 2 Page - CUI INC

  PJ-028BH Datasheet HTML 1Page - CUI INC PJ-028BH Datasheet HTML 2Page - CUI INC PJ-028BH Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-028BH │ DESCRIPTION: DC POWER JACK
date 04/08/2016
│ page 2 of 3
3
2
1
6.20 0.244
11.0 0.433
0.256
6.50
0.354
9.0
2.50 0.098
4.80.189
1
3
2
0.079
0.748
0.535
13.6
2.00
19.0
(TYP)
3.50.138
(3 PLCS)
7.30.287
0.15
5.00
3.50 0.138
5.000.197
1.50 0.059
(2 PLCS)
(3 PLCS)
0.197
2.50 0.098
(3 PLCS)
10.0 0.394
5.00.197
4.8 0.189
2
1.00X3.00
PCB LAYOUT
(3 PLCS)
TOP VIEW
1
3
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel plated
terminal 1
brass
silver plated
terminal 2
copper alloy
silver plated
terminal 3
brass
silver plated
plastic
PBT
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PJ-028BH
Center Pin
Ø2.5 mm
MATING PLUG
Jack Insertion Depth: 9 mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com