Electronic Components Datasheet Search
  English  ▼

X  

SS32A Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SS32A
Description  3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS32A Datasheet(HTML) 1 Page - Nanjing International Group Co

  SS32A Datasheet HTML 1Page - Nanjing International Group Co SS32A Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
36A
SS
SS32A---SS315A
3.0A Surface Mount Schottky Burrier Rectifier
VOLTAGE RANGE
20 to 150 Volts
CURRENT
3.0 Ampere
- Low power loss, high efficiency
- Ideal for automated placement
- Guardring for overvoltage protection
- High surge current capability
FEATURES
Polarity:
Indicated by cathode band
Weight:
0.064 g
MECHANICAL DATA
Case:
SMAFL
MAX4,20
MIN 3.80
MAX1.2
MIN0.5
MAX5.33
MIN4.95
VRRM
20
40
60
100
150
V
VRMS
14
28
42
70
105
V
VDC
20
40
60
100
150
V
IF(AV)
A
dV/dt
V/us
TJ
OC
TSTG
OC
310A 315A
SYMBOL
Maximum average forward rectified current
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
34A
32A
PARAMETER
Unit
3
Note 1:Pulse test with PW=300u sec, 1% duty cycle
Typical thermal resistance
RθJL
RθJA
Operating junction temperature range
Storage temperature range
mA
OC/W
IR
Voltage Rate of Change (Rated VR)
Maximum reverse current @ rated VR TJ=25 ℃
TJ =100℃
10
10000
0.88
V
A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
70
0.98
Maximum instantaneous forward voltage (Note 1)
@ 3 A
VF
0.5
- 55 to + 150
- 55 to + 150
25
66
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
0.58
0.75
SS
SS
SS
SS


Similar Part No. - SS32A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SS32A TAITRON-SS32A Datasheet
202Kb / 4P
3.0A Surface Mount Schottky Rectifier
logo
Diotech Company.
SS32A DIOTECH-SS32A Datasheet
690Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS32A YANGJIE-SS32A Datasheet
174Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS32A DACHANG-SS32A Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 3.0 A
logo
Tiger Electronic Co.,Lt...
SS32A TGS-SS32A Datasheet
678Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS32A

ManufacturerPart #DatasheetDescription
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SK32 DGNJDZ-SK32 Datasheet
94Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36-60V-DO-214AB DGNJDZ-SS36-60V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36A-60V-SMAF DGNJDZ-SS36A-60V-SMAF Datasheet
311Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310-100V-DO-214AB DGNJDZ-SS310-100V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310A-100V-SMAF DGNJDZ-SS310A-100V-SMAF Datasheet
311Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310F-100V-SMAF DGNJDZ-SS310F-100V-SMAF Datasheet
319Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS320-200V-DO-214AB DGNJDZ-SS320-200V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
K32 YIXIN-K32 Datasheet
183Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK32 BYTESONIC-SK32 Datasheet
190Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2019/5/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com