Electronic Components Datasheet Search
  English  ▼

X  

ZM2C Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # ZM2C
Description  Silicon Planar Power Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ZM2C Datasheet(HTML) 1 Page - Nanjing International Group Co

  ZM2C Datasheet HTML 1Page - Nanjing International Group Co ZM2C Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZM2C
Silicon Planar Power Zener Diodes
For use in stabilizing and clipping circuits with high
power rating. The Zener voltages are graded
according to the international E 24 standard. Other
voltage tolerances and higher Zener voltages are
upon request.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
2
1)
W
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 65 to + 175
O
C
1) Valid provided that electrodes are kept at ambient temperature.
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 200 mA
VF
1.2
V
LL-41


Similar Part No. - ZM2C

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ZM2C10 SEMTECH_ELEC-ZM2C10 Datasheet
129Kb / 2P
SILICON PLANAR POWER ZENER DIODES
ZM2C100 SEMTECH_ELEC-ZM2C100 Datasheet
129Kb / 2P
SILICON PLANAR POWER ZENER DIODES
ZM2C11 SEMTECH_ELEC-ZM2C11 Datasheet
129Kb / 2P
SILICON PLANAR POWER ZENER DIODES
ZM2C110 SEMTECH_ELEC-ZM2C110 Datasheet
129Kb / 2P
SILICON PLANAR POWER ZENER DIODES
ZM2C12 SEMTECH_ELEC-ZM2C12 Datasheet
129Kb / 2P
SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - ZM2C

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4729 SURGE-1N4729 Datasheet
84Kb / 2P
SILICON PLANAR POWER ZENER DIODES
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
Silicon Planar Power Zener Diodes
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
Silicon Planar Power Zener Diodes
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com