Electronic Components Datasheet Search
  English  ▼

X  

ZMM1 Datasheet(PDF) 8 Page - Nanjing International Group Co

Part # ZMM1
Description  Silicon Epitaxial Planar Zener Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ZMM1 Datasheet(HTML) 8 Page - Nanjing International Group Co

  ZMM1 Datasheet HTML 1Page - Nanjing International Group Co ZMM1 Datasheet HTML 2Page - Nanjing International Group Co ZMM1 Datasheet HTML 3Page - Nanjing International Group Co ZMM1 Datasheet HTML 4Page - Nanjing International Group Co ZMM1 Datasheet HTML 5Page - Nanjing International Group Co ZMM1 Datasheet HTML 6Page - Nanjing International Group Co ZMM1 Datasheet HTML 7Page - Nanjing International Group Co ZMM1 Datasheet HTML 8Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8/8
4
40
0
020
Vz
1
2
3
100V
60
Vz at Iz=5 mA
80
Iz=5 mA
Change of Zener voltge from turn-on
up to the point of thermal equilibrium
versus Zener voltage
Vz=rzth.Iz
V
5
ZMM...
Iz=2 mA
ZMM1...ZMM75



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com