Electronic Components Datasheet Search
  English  ▼

X  

HDBLS101G Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # HDBLS101G
Description  1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

HDBLS101G Datasheet(HTML) 2 Page - Taiwan Memory Technology

  HDBLS101G Datasheet HTML 1Page - Taiwan Memory Technology HDBLS101G Datasheet HTML 2Page - Taiwan Memory Technology HDBLS101G Datasheet HTML 3Page - Taiwan Memory Technology HDBLS101G Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "x" defines voltage from 50V (HDBLS101G) to 1000V (HDBLS107G)
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D1310040
Version: F15
HDBLS107G
HDBLS107GHRDG
1,500 / 13" Paper reel
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
HRD
G
AEC-Q101 qualified
Green compound
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
H
C1
GDBLS
50 / TUBE
RD
RATINGS AND CHARACTERISTICS CURVES
PREFERRED P/N
HDBLS101G - HDBLS107G
Taiwan Semiconductor
PART NO.
SUFFIX
ORDERING INFORMATION
EXAMPLE
HDBLS10xG
(Note 1)
0
0.5
1
1.5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
70
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
HDBLS101G -
HDBLS104G
HDBLS105G
HDBLS106G -
HDBLS107G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com