Electronic Components Datasheet Search
  English  ▼

X  

GP1003 Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # GP1003
Description  10A, 50V - 1000V Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

GP1003 Datasheet(HTML) 1 Page - Taiwan Memory Technology

  GP1003 Datasheet HTML 1Page - Taiwan Memory Technology GP1003 Datasheet HTML 2Page - Taiwan Memory Technology GP1003 Datasheet HTML 3Page - Taiwan Memory Technology GP1003 Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1001 - GP1007
CREAT BY ART
- High efficiency, low VF
- High current capability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
CJ
pF
RθJC
°C/W
TJ
°C
TSTG
°C
Version: F1511
GP
1005
GP
1006
Taiwan Semiconductor
10A, 50V - 1000V Glass Passivated Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TO-220AB
MECHANICAL DATA
Case:
TO-220AB
Polarity:
As marked
Mounting torque:
0.56 Nm max.
Weight:
1.82 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
GP
1007
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
PARAMETER
SYMBOL
GP
1001
GP
1002
GP
1003
GP
1004
5
μA
Maximum DC blocking voltage
Maximum average forward rectified current
10
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
125
Note 1: Pulse test with PW=300μs, 1% duty cycle
30
A
Maximum instantaneous forward voltage (Note 1)
@ 5 A
VF
V
3
Maximum reverse current @ rated VR
TJ=25°C
IR
Typical junction capacitance (Note 2)
Typical thermal resistance
TJ=125°C
200
Note 2: Measured at 1 MHz and applied reverse voltage of 4.0 V DC.
1.1
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150


Similar Part No. - GP1003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP1003 ETC-GP1003 Datasheet
90Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
GP1003 TSC-GP1003 Datasheet
95Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
GP1003 TSC-GP1003 Datasheet
337Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
GP1003 TSC-GP1003 Datasheet
545Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
More results

Similar Description - GP1003

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
1A, 50V - 1000V Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
10A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
1A, 50V - 1000V Glass Passivated Rectifiers
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
1A, 50V - 1000V Glass Passivated Rectifiers
GP1601 TMT-GP1601_16 Datasheet
210Kb / 4P
16A, 50V - 1000V Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
D10JB05 SECOS-D10JB05 Datasheet
182Kb / 2P
50V ~ 1000V, 10A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS10P01G-K TSC-TS10P01G-K Datasheet
391Kb / 6P
10A, 50V - 1000V Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com