Electronic Components Datasheet Search
  English  ▼

X  

S1GL Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # S1GL
Description  1A, 50V - 1000V Surface Mount Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S1GL Datasheet(HTML) 1 Page - Taiwan Memory Technology

  S1GL Datasheet HTML 1Page - Taiwan Memory Technology S1GL Datasheet HTML 2Page - Taiwan Memory Technology S1GL Datasheet HTML 3Page - Taiwan Memory Technology S1GL Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction chip
- Ideal for automated placement
- Low-Profile Package
- Low power loss, high efficiency
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part No. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
1AL
1BL
1DL
1GL
1JL
1KL
1ML
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
CJ
pF
trr
μs
TJ
°C
TSTG
°C
Document Number: DS_D1410010
Version: O15
S1AL - S1ML
Taiwan Semiconductor
1A, 50V - 1000V Surface Mount Rectifier
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
S1AL S1BL S1DL S1GL S1JL
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
Sub SMA
Sub SMA
S1KL S1ML UNIT
Marking code
Maximum repetitive peak reverse voltage
Polarity:
Indicated by cathode band
Weight:
0.019 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
IR
μA
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
V
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
Note 1: Pulse test with PW=300μs, 1% duty cycle
- 55 to +175
Typical junction capacitance (Note 2)
9
Typical thermal resistance
RθJL
RθJA
°C/W
25
85
30
85
Note 2: Measured at 1 MHz and Applied VR=4.0 Volts.
Note 3: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
1.1
5
50
Typical reverse recovery time (Note 3)
1.8
Operating junction temperature range
Storage temperature range
- 55 to +175


Similar Part No. - S1GL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1GL TSC-S1GL Datasheet
49Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1GL TSC-S1GL Datasheet
375Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1GL TSC-S1GL Datasheet
548Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1GL TSC-S1GL Datasheet
190Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Guangdong Kexin Industr...
S1GL KEXIN-S1GL Datasheet
795Kb / 2P
Rectifier Diodes
More results

Similar Description - S1GL

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S1A TMT-S1A_16 Datasheet
364Kb / 4P
1A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
1A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
RS1AFL TSC-RS1AFL Datasheet
318Kb / 6P
1A, 50V - 1000V Surface Mount Fast Recovery Rectifier
HS1AFL TSC-HS1AFL Datasheet
333Kb / 7P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
US1AH TSC-US1AH Datasheet
573Kb / 6P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
S3ABH TSC-S3ABH Datasheet
553Kb / 6P
3A, 50V - 1000V Surface Mount Rectifier
S1ALH TSC-S1ALH Datasheet
425Kb / 5P
1A, 50V - 1000V Standard Surface Mount Rectifier
S1AH TSC-S1AH Datasheet
563Kb / 6P
1A, 50V - 1000V Surface Mount Rectifier
S1ABH TSC-S1ABH Datasheet
411Kb / 6P
1A, 50V - 1000V Surface Mount Rectifier
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
1A, 50V - 1000V Standard Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com