Electronic Components Datasheet Search
  English  ▼

X  

S2V Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # S2V
Description  2A, 50V - 1400V Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S2V Datasheet(HTML) 2 Page - Taiwan Memory Technology

  S2V Datasheet HTML 1Page - Taiwan Memory Technology S2V Datasheet HTML 2Page - Taiwan Memory Technology S2V Datasheet HTML 3Page - Taiwan Memory Technology S2V Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D1410014
Version: K15
H
R5
AEC-Q101 qualified
Green compound
S2MHR5G
S2M
H
R5
G
Note 1: "x" defines voltage from 50V (S2A) to 1400V (S2V)
EXAMPLE
EXAMPLE
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
G
SMB
850 / 7" Plastic reel
R4
SMB
3,000 / 13" Paper reel
M4
SMB
3,000 / 13" Plastic reel
RATINGS AND CHARACTERISTICS CURVES
S2A - S2V
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
S2x
(Note 1)
0
0.5
1
1.5
2
2.5
0
20
406080
100
120
140
160
LEAD TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
Resistive or
inductive load
1
10
100
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms single half sine wave
0.01
0.1
1
10
0
2040
6080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=25°C
TJ=75°C
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
Pulse width=300μs
1% duty cycle
TJ=125°C
TJ=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com