Electronic Components Datasheet Search
  English  ▼

X  

BAV99T Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BAV99T
Description  150mW SOT-523 SURFACE MOUNT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAV99T Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BAV99T Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAV99T Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20130927
BAV99T
Typical Soldering Pattern:
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
0.70
0.90
0.028
0.035
A1
0.00
0.10
0.000
0.004
A2
0.70
0.80
0.028
0.031
b1
0.15
0.25
0.006
0.010
b2
0.25
0.35
0.010
0.014
c
0.10
0.20
0.004
0.008
D
1.50
1.70
0.059
0.067
E
0.70
0.90
0.028
0.035
E1
1.45
1.75
0.057
0.069
e
0.50 TYP.
0.020 TYP.
e1
0.90
1.10
0.035
0.043
L
0.40 REF.
0.016 REF.
L1
0.10
0.30
0.004
0.012
θ
0
O
8
O
0
O
8
O
NOTES:
1. Above package outline conforms to JEITA EAIJ ED-7500A SC-75A.
2. Dimensions are exclusive of Burrs, Mold Flash & Tie Bar extrusions.
PACKAGE OUTLINE & DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com