Electronic Components Datasheet Search
  English  ▼

X  

13005 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 13005
Description  TO-220 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

13005 Datasheet(HTML) 2 Page - Nanjing International Group Co

  13005 Datasheet HTML 1Page - Nanjing International Group Co 13005 Datasheet HTML 2Page - Nanjing International Group Co 13005 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1
10
100
1000
400
600
800
1000
1200
012
3456
0
100
200
300
400
500
0.1
1
10
100
1000
1
10
100
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
0.1
1
10
100
1000
10
100
1000
0.1
0.2
0.3
0.4
0.5
10
200
400
600
800
1000
1200
0.1
1
10
100
1000
0.1
1
10
10
100
1000
10000
4000
=4
Ta=100
Ta=25
COLLECTOR CURRENT I
C
(mA)
20mA
18mA
16mA
14mA
12mA
10mA
8mA
6mA
COMMON EMITTER
T
a=25
4mA
I
B=2mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
4000
COMMON EMITTER
V
CE=5V
Ta=25
oC
Ta=100
oC
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE Ta ( )
Ta=100
=4
Ta=25
=4
Ta=25
=5
Ta=100
=5
4000
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=10V
T
a=25
oC
COLLECTOR CURRENT I
C
(A)
1
3
4000
T
a=25
T
a=100
COMMON EMITTER
V
CE=5V
BASE-EMMITER VOLTAGE V
BE
(mV)
f=1MHz
I
E=0/ IC=0
Ta=25
oC
20
REVERSE VOLTAGE V (V)
Typical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com