Electronic Components Datasheet Search
  English  ▼

X  

CLC012 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC012
Description  Adaptive Cable Equalizer for ITU-T G.703 Data Recovery
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC012 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CLC012 Datasheet HTML 10Page - National Semiconductor (TI) CLC012 Datasheet HTML 11Page - National Semiconductor (TI) CLC012 Datasheet HTML 12Page - National Semiconductor (TI) CLC012 Datasheet HTML 13Page - National Semiconductor (TI) CLC012 Datasheet HTML 14Page - National Semiconductor (TI) CLC012 Datasheet HTML 15Page - National Semiconductor (TI) CLC012 Datasheet HTML 16Page - National Semiconductor (TI) CLC012 Datasheet HTML 17Page - National Semiconductor (TI) CLC012 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Evaluation Board (Continued)
CLC012 Equalizer Evaluation Board
Item
Reference
Designator
Description
Quantity
1
Q1
2N3904 transistor
1
2
CR1
1N4148 switching diode
1
3
J1, J2, J3, J4, J5
receptacle vertical BNC PC Amphenol #31-5329-52RFX
5
4
J6
banana jack, black, EF Johnson #108-0903-001
1
5
J7
banana jack, red, EF Johnson #108-0902-001
1
6
R6, R7
10 k
Ω, 1/8W, 1206, 1% chip resistors
2
7
R8, R9, R10, R11
75
Ω, 1/8W, 1206, 1% chip resistors
4
8
R13
1.33 k
Ω, 1/8W, 1206, 1% chip resistors
1
9
R3, R4
10
Ω, 1/8W, 1206, 1% chip resistors
2
10
R1, R2
100
Ω, 1/8W, 1206, 1% chip resistors
2
11
R14
20 k
Ω, 1/8W, 1206, 1% chip resistors
1
12
R12
2 k
Ω, 1/8W, 1206, 1% chip resistors
1
13
R5
49.9
Ω, 1/8W, 1206, 1% chip resistors
1
14
C2, C3, C9, C12
0.01 µFd, 10% X7R surface mount cap
3
15
C4, C7, C8, C10, C11
0.1 µFd, 10% X7R surface mount cap
5
16
C1
100 pFd, 5% NPO surface mount cap
1
17
C5, C6
10 µFd, 16V tantalum capacitor
2
18
CLC730063 printed circuit board
1
19
U1
CLC012AJE
1
20
D1
LED, GENERAL PURPOSE
1
LAYOUT
The CLC012 requires proper high-speed layout techniques
to obtain best results. A few recommended layout rules to fol-
low for best results when using the CLC012 Adaptive Cable
Equalizer are:
1.
Use a ground plane.
2.
Decouple power pins with 0.01 µF capacitors placed
≤ 0.1” (3mm) from the power pins.
3.
Design transmission lines to the inputs and outputs.
4.
Route outputs away from inputs.
5.
Remove ground plane
≥ 0.025” (0.06mm) from the input
and output pads.
The solder masks with component locations, trace layer, and
ground plane board layer are given below.
Note that the CLC012 uses the same Evaluation Board as
the CLC014. LOS is labeled CD on the Evaluation Board.
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com