Electronic Components Datasheet Search
  English  ▼

X  

YSBLC03C Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # YSBLC03C
Description  LOW CAPACITANCE TVS DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSBLC03C Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSBLC03C Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSBLC03C Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSBLC03C Datasheet HTML 3Page - Yea Shin Technology Co., Ltd YSBLC03C Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.04 20141117
YSBLCxxC
DEVICE CHARACTERISTICS
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.)
(typ.)
6
1
0.4
YSBLC03C
CC
3.3
4.0
1
7.50
6.0
1.0
YSBLC08C
BC
8.0
8.5
1
13.40
18.5
8
2
1.0
1
9.80
18.3
8
Storage Temperature Range
TSTG
-55 ~ 150
℃
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
-55 ~ 150
℃
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
Lead Soldering Temperature
Operating Temperature Range
SYMBOL
VALUE
PPP
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VC
IR
CT
VC
IT
TL
260 (10 sec.)
℃
VB
PART NUMBER
DEVICE
MARKING
VRWM
350
Watts
PARAMETER
13.9
8
40
1.0
YSBLC05C
AC
5.0
5
YSBLC12C
DC
12.0
13.3
1
19.00
28.6
6
1
1.0
YSBLC15C
YSBLC24C
EC
15.0
16.7
1
24.00
31.8
YSBLC12C
DC
12.0
13.3
1
19.00
28.6
5
1
1.0
HC
24.0
26.7
1
43.00
56.0
3
1
1.0
1.The Total capacitance, CT of the product @ F=1MHZ, applied 0VDC.
2.The Total capacitance, CJ of the single Dice @ F=1MHZ, applied 0VDC.
Note:
0.4
0.4
0.4
0.4
0.4
0.4
(pF)
(typ.)
CJ
1
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com