Electronic Components Datasheet Search
  English  ▼

X  

LH0022 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0022
Description  Low Cost FET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0022 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LH0022 Datasheet HTML 1Page - National Semiconductor (TI) LH0022 Datasheet HTML 2Page - National Semiconductor (TI) LH0022 Datasheet HTML 3Page - National Semiconductor (TI) LH0022 Datasheet HTML 4Page - National Semiconductor (TI) LH0022 Datasheet HTML 5Page - National Semiconductor (TI) LH0022 Datasheet HTML 6Page - National Semiconductor (TI) LH0022 Datasheet HTML 7Page - National Semiconductor (TI) LH0022 Datasheet HTML 8Page - National Semiconductor (TI) LH0022 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
22V
Power Dissipation (see Graph)
500 mW
Input Voltage (Note 1)
g
15V
Differential Input Voltage (Note 2)
g
30V
Voltage Between Offset Null and Vb
g
05V
Short Circuit Duration
Continuous
Operating Temperature Range
LH0022 LH0042 LH0052
b
55 Cto a125 C
LH0022C LH0042C LH0052C
b
25 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
DC Electrical Characteristics for LH0022LH0022C (Note 3) TA e TJ(Max)
Limits
Parameter
Conditions
LH0022
LH0022C
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
RS s 100 kX TA e 25 C
20
40
35
60
mV
VS e g15V
RS s 100 kX VS e g15V
50
70
mV
Temperature Coefficient of
RS s 100 kX
10
15
m
V C
Input Offset Voltage
Offset Voltage Drift with Time
3
4
m
Vweek
Input Offset Current
TA e 25 C (Note 4)
02
20
10
50
pA
20
05
nA
Temperature Coefficient of
Doubles Every 10 C
Doubles Every 10 C
Input Offset Current
Offset Current Drift with Time
01
01
pAweek
Input Bias Current
TA e 25 C (Note 4)
5
10
10
25
pA
10
25
nA
Temperature Coefficient of
Doubles Every 10 C
Doubles Every 10 C
Input Bias Current
Differential Input Resistance
1012
1012
X
Common Mode Input Resistance
1012
1012
X
Input Capacitance
40
40
pF
Input Voltage Range
VS e g15V
g
12
g
135
g
12
g
135
V
Common Mode Rejection Ratio
RS s 10 kX VIN e g10V
74
90
70
90
dB
Supply Voltage Rejection Ratio
RS s 10 kX g5V s VS s g15V
74
90
70
90
dB
Large Signal Voltage Gain
RL e 2kX VOUT e g10V
75
100
75
100
VmV
TA e 25 C VS e g15V
RL e 2kX VOUT e g10V
30
30
VmV
VS e g15V
Output Voltage Swing
RL e 1kX TA e 25 C
g
10
g
125
g
10
g
12
V
VS e g15V
RL e 2kX VS e g15V
g
10
g
10
V
Output Current Swing
VOUT e g10V TA e 25 C
g
10
g
15
g
10
g
15
mA
Output Resistance
75
75
X
Output Short Circuit Current
25
25
mA
Supply Current
VS e g15V
20
25
24
28
mA
Power Consumption
VS e g15V
75
85
mW
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com