Electronic Components Datasheet Search
  English  ▼

X  

YSBLC05C Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # YSBLC05C
Description  LOW CAPACITANCE TVS DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSBLC05C Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  YSBLC05C Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSBLC05C Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSBLC05C Datasheet HTML 3Page - Yea Shin Technology Co., Ltd YSBLC05C Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.04 20141117
YSBLCxxC
APPLICATIONS
◆ Cell Phone Handsets and Accessories
◆ Microprocessor based equipment
◆ Personal Digital Assistants (PDA’s)
◆ Notebooks, Desktops, and Servers
◆ Portable Instrumentation
◆ Peripherals
◆ USB Interface
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
◆ IEC61000-4-5 (Lightning) 12A (8/20µs)
LOW CAPACITANCE TVS DIODE ARRAY
SOD-323
◆ IEC61000-4-5 (Lightning) 12A (8/20µs)
FEATURES
◆ 350 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects one I/O line (bidirectional)
◆ Low clamping voltage
◆ Working voltages: 3V, 5V, 8V, 12V, 15V, 24V
◆ Low leakage current
MECHANICAL CHARACTERISTICS
◆ JEDEC SOD-323 Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 5 Millgrams (Approximate)
◆ Quantity Per Reel : 3,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
PIN CONFIGURATION
FEATURES
◆ 350 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects one I/O line (bidirectional)
◆ Low clamping voltage
◆ Working voltages: 3V, 5V, 8V, 12V, 15V, 24V
◆ Low leakage current
MECHANICAL CHARACTERISTICS
◆ JEDEC SOD-323 Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 5 Millgrams (Approximate)
◆ Quantity Per Reel : 3,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
PIN CONFIGURATION
H


Similar Part No. - YSBLC05C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSBLC05C YEASHIN-YSBLC05C Datasheet
1Mb / 4P
LOW CAPACITANCE TVS DIODE ARRAY
YSBLC05C YEASHIN-YSBLC05C Datasheet
1Mb / 4P
LOW CAPACITANCE TVS DIODE ARRAY
YSBLC05C YEASHIN-YSBLC05C Datasheet
1Mb / 4P
LOW CAPACITANCE TVS DIODE ARRAY
YSBLC05C YEASHIN-YSBLC05C Datasheet
1Mb / 4P
LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - YSBLC05C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
XBP1006-12 TOREX-XBP1006-12 Datasheet
182Kb / 5P
Low Capacitance TVS Diode Array
XBP1007-12 TOREX-XBP1007-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com