Electronic Components Datasheet Search
  English  ▼

X  

YSESDA33CT Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # YSESDA33CT
Description  Bidirectional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSESDA33CT Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSESDA33CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSESDA33CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSESDA33CT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd YSESDA33CT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20141224
DEVICE CHARACTERISTICS
YSESDAxxCT Series
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.)
(typ.)
DT
5
6
1
9.8
YSESDA33CT
CT
3.3
4
1
7
12
8
1
10
20
5
1
10
YSESDA08CT
GT
8
8.5
1
17.5
25
3
1
7
YSESDA05CT
VB
PART NUMBER
DEVICE
MARKING
VRWM
TL
260 (10 sec.)
℃
Lead Soldering Temperature
Operating Temperature Range
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VC
IR
CT
VC
IT
Watts
PARAMETER
SYMBOL
VALUE
100
PPP
Storage Temperature Range
TSTG
-55 ~ 150
℃
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
-55 ~ 150
℃
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
Maximun PPK Dissipation@TA=25℃(PW=8/20μs) (Note 1)
PPK
100
W
DC Power Dissipation @TL=75℃(Note 2)
Derate above 75℃
Thermal Resistance,Junction-to-Lead
PD
RθJL
700
8
50
mW
mW/℃
℃/W
DC Power Dissipation @TA=25℃ (Note 2)
Derate above 25℃
Thermal Resistance, Junction-to-Ambient
PD
RθJA
500
4
250
mW
mW/℃
℃/W
Note 1. Non-repetitive current pulse at TA=25℃, Power waveform = 8/20μs.
Note 2. Mounted with 1 inch Copper pad size, DC board FR-4.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com