Electronic Components Datasheet Search
  English  ▼

X  

RF3146PCBA Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF3146PCBA
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3146PCBA Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF3146PCBA Datasheet HTML 7Page - RF Micro Devices RF3146PCBA Datasheet HTML 8Page - RF Micro Devices RF3146PCBA Datasheet HTML 9Page - RF Micro Devices RF3146PCBA Datasheet HTML 10Page - RF Micro Devices RF3146PCBA Datasheet HTML 11Page - RF Micro Devices RF3146PCBA Datasheet HTML 12Page - RF Micro Devices RF3146PCBA Datasheet HTML 13Page - RF Micro Devices RF3146PCBA Datasheet HTML 14Page - RF Micro Devices RF3146PCBA Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Preliminary
2-501
RF3146
Rev A7 040812 W3
Evaluation Board Schematic
C2
4.7
µF
VBATT
C6
1 nF
VCC1
50
Ωµstrip
DCS/PCS IN
C4
DNP
50
Ωµstrip
DCS/PCS OUT
C13
100 pF
C10
10 nF
50
Ωµstrip
GSM850/
GSM900 OUT
C9
1 nF
R3
100 k
Ω
R1
15 k
Ω
R4
100 k
Ω
50
Ωµstrip
GSM850/
GSM900 IN
VRAMP
TX EN
R2
100 k
Ω
BAND SEL
C8
1 nF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
From
V
CC1
V
CC
V
CC1: Internally supplied.
See Pin Function note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com