Electronic Components Datasheet Search
  English  ▼

X  

PJ-035D Datasheet(PDF) 2 Page - CUI INC

Part # PJ-035D
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-035D Datasheet(HTML) 2 Page - CUI INC

  PJ-035D Datasheet HTML 1Page - CUI INC PJ-035D Datasheet HTML 2Page - CUI INC PJ-035D Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-035D │ DESCRIPTION: DC POWER JACK
date 05/03/2016
│ page 2 of 3
3.00.118
0.303
7.7
0.118
3.0
4.70.185
6.500.256
4.7 0.185
3.00.118
0.421
10.7
3.00.118
1
2
PCB LAYOUT
TOP VIEW
(2 PLCS)
1.00X3.00
1.00X3.50
3
9.00.354
0.3 (3 PLCS)
3.800.150
0.433
11.0
3.50.138
3.000.118
3
21
14.5 0.571
0.138
3.50
2.50 0.098
(2 PLCS)
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
tin
terminal 2
copper alloy
tin
terminal 3
brass
tin
plastic
PBT
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
3
2
1
Model
PJ-035D
Center Pin
Ø1.3 mm
MATING PLUG
Jack Insertion Depth: 9.15 mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com